Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107SVL010MEW Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 107SVL010MEW
Description  Small size ??Long Life
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107SVL010MEW Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  107SVL010MEW Datasheet HTML 1Page - Illinois Capacitor, Inc. 107SVL010MEW Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SVL
+105°C, Long Life, up to 5000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
1
50
105SVL050MCW
198.94
8
4x5.8
2.2
50
225SVL050MCW
90.43
12
4x5.8
3.3
50
335SVL050MCW
90.29
17
4x5.8
4.7
35
475SVL035MCW
45.6
20
4x5.8
4.7
50
475SVL050MDW
42.33
21
5x5.8
10
16
106SVL016MCW
33.16
20
4x5.8
10
35
106SVL035MDW
21.55
30
5x5.8
10
50
106SVL050MEW
19.89
35
6.3x5.8
22
16
226SVL016MDW
15.07
35
5x5.8
22
35
226SVL035MEW
9.8
50
6.3x5.8
22
50
226SVL050MEL
9.04
52
6.3x7.7
33
10
336SVL010MDW
12.06
40
5x5.8
33
25
336SVL025MEW
8.04
50
6.3x5.8
33
35
336SVL035MEL
6.53
62
6.3x7.7
33
50
336SVL050MFE
6.03
80
8x10.5
47
6.3
476SVL6R3MDW
11.29
45
5x5.8
47
16
476SVL016MEW
7.05
60
6.3x5.8
47
25
476SVL025MEL
5.64
65
6.3x7.7
47
50
476SVL050MFE
4.23
95
8x10.5
100
10
107SVL010MEW
3.98
75
6.3x5.8
100
16
107SVL016MEL
3.32
90
6.3x7.7
100
25
107SVL025MFE
2.65
140
8x10.5
100
50
107SVL050MGW
1.99
99
10x10.5
220
6.3
227SVL6R3MEL
2.41
105
6.3x7.7
220
10
227SVL010MFE
1.81
170
8x10.5
220
35
227SVL035MGW
0.98
230
10x10.5
330
6.3
337SVL6R3MFE
1.61
245
8x10.5
330
25
337SVL025MGW
0.8
250
10x10.5
470
16
477SVL016MGW
0.71
360
10x10.5
1000
6.3
108SVL6R3MGW
0.53
350
10x10.5


Similar Part No. - 107SVL010MEW

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107SVL010MEW ILLINOISCAPACITOR-107SVL010MEW Datasheet
204Kb / 2P
   Long Life, up to 5000 hours
107SVL010MEW ILLINOISCAPACITOR-107SVL010MEW Datasheet
119Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 107SVL010MEW

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
VY05-05S30L VOLGEN-VY05-05S30L Datasheet
267Kb / 2P
   Small Size, Long-Life, Isolated Type DC-DC Converter
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
Illinois Capacitor, Inc...
226SMH016M ILLINOISCAPACITOR-226SMH016M Datasheet
284Kb / 2P
   Small Size ??Extended Life ??Low Cost
SVH ILLINOISCAPACITOR-SVH Datasheet
221Kb / 4P
   Small size ??Extended Life ??Low cost
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
Illinois Capacitor, Inc...
SMH ILLINOISCAPACITOR-SMH Datasheet
218Kb / 2P
   Small size ??Extended Life ??Low cost
logo
CTS Corporation
291V1022F832AB CTS-291V1022F832AB Datasheet
3Mb / 3P
   Precision, Long-life Compact 12mm Size Optical Encoder
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com