Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1726U Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1726U
Description  High-Precision 3-Wire Digital Thermometer and Thermostat
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1726U Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1726U Datasheet HTML 1Page - Dallas Semiconductor DS1726U Datasheet HTML 2Page - Dallas Semiconductor DS1726U Datasheet HTML 3Page - Dallas Semiconductor DS1726U Datasheet HTML 4Page - Dallas Semiconductor DS1726U Datasheet HTML 5Page - Dallas Semiconductor DS1726U Datasheet HTML 6Page - Dallas Semiconductor DS1726U Datasheet HTML 7Page - Dallas Semiconductor DS1726U Datasheet HTML 8Page - Dallas Semiconductor DS1726U Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS1626/DS1726
3 of 13
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature Range
-55°C to +125°C
Storage Temperature Range
-55°C to +125°C
Solder Dip Temperature (10s)
+260°C
Reflow Oven Temperature
+220°C
* These are stress ratings only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
2.7
5.5
V
0°C to +70°C,
3.0V
£ VDD £ 5.5V
±0.5
0°C to +70°C,
2.7V
£ VDD < 3.0V
±1.25
DS1626
Thermometer Error
(Note 2)
TERR
-55°C to +125°C
±2
°C
-10°C to +85°C,
3.0V
£ VDD £ 5.5V
±1
-10°C to +85°C,
2.7V
£ VDD < 3.0V
±1.5
DS1726
Thermometer Error
(Note 2)
TERR
-55°C to +125°C
±2
°C
Low-Level Input
Voltage
VIL
(Note 1)
-0.5
0.3 x VDD
V
High-Level Input
Voltage
VIH
(Note 1)
0.7 x VDD
VDD + 0.3
V
Input Current each
Input Pin
0.4 < VI/O < 0.9 x VDD
-10
+10
µA
Temperature conversion
-55°C to +85°C
1
Temperature conversion
+85°C to +125°C
1.25
mA
Active Supply
Current (Note 3)
IDD
E2 write
400
µA
Input Resistance
RI
RST to GND
DQ, CLK to VDD
1
M
W
Standby Supply
Current
ISTBY
0°C to +70°C (Note 3)
1.5
µA
VOH
1mA source current
2.4
THIGH, TLOW,
TCOM, DQ Output
Logic Voltages
(Note 1)
VOL
4mA sink current
0.4
V
Thermal Drift
(Note 4)
±0.2
°C


Similar Part No. - DS1726U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1726U MAXIM-DS1726U Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1726U++ MAXIM-DS1726U+ Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1726U+T&R MAXIM-DS1726U+T&R Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1726U/T&R MAXIM-DS1726U/T&R Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
More results

Similar Description - DS1726U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1721U MAXIM-DS1721U Datasheet
269Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
DS1721 MAXIM-DS1721 Datasheet
263Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
logo
Dallas Semiconductor
DS1721 DALLAS-DS1721 Datasheet
210Kb / 16P
   2-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com