Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

336TTA350M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 336TTA350M
Description  Axial lead - High voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

336TTA350M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  336TTA350M Datasheet HTML 1Page - Illinois Capacitor, Inc. 336TTA350M Datasheet HTML 2Page - Illinois Capacitor, Inc. 336TTA350M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Axial lead - High voltage
APPLICATIONS
Filtering Bypass Coupling Blocking
Operating Temperature
Range
-40°C to +85°C (10 to 350 WVDC)
-25°C to +85°C (450 WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge
voltage
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
SVDC
13
20
32
44
63
79
125
200
250
300
400
500
Dissipation
Factor
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
Tan δ
.24
.20
.16
.14
.12
.1
.1
.2
.2
.2
.25
.25
Add .02 for every 1000μF above 1000μF
Leakage current
10 to 100 WVDC
160 to 450 WVDC
1 Minute
2 Minutes
1 Minute
1 Minute
.03CV or 4μA,
Whichever is greater
.01CV or 3μA,
Whichever is greater
CV<1000
.04CV+100μA
CV>1000
.1CV+40μA
Low temperature
stability
Impedance ratio
(120 Hz)
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
-25°C to
+20°C
4
3
2
2
2
2
2
4
4
4
4
6
-40°C to
+20°C
10
8
5
4
3
3
3
15
15
15
10
-
Load Life
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current
Multipliers
Capacitance
Frequency (Hz)
Temperature (°C)
μF
50
120
400
1k
10k
50k
+85
+70
+60
+30
C<10
.8
1.0
1.3
1.45
1.65
1.7
1.0
1.3
1.5
1.8
10<C<100
.8
1.0
1.23
1.36
1.48
1.53
1.0
1.3
1.5
1.8
100<C<1000
.8
1.0
1.16
1.25
1.35
1.38
1.0
1.3
1.5
1.8
C>1000
.8
1.0
1.11
1.17
1.25
1.28
1.0
1.3
1.5
1.8
D
5
6.3
8
10
12.5
16
18
22
25
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
1.0
1.0
D< 10mm, L1=L+1.5mm Max. mm
mm
D> 10mm, L1=L+2mm Max.
D1=D+B Max.


Similar Part No. - 336TTA350M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
336TTA350M ILLINOISCAPACITOR-336TTA350M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
336TTA350M ILLINOISCAPACITOR-336TTA350M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
336TTA350M ILLINOISCAPACITOR-336TTA350M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
336TTA350M ILLINOISCAPACITOR-336TTA350M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
336TTA350M ILLINOISCAPACITOR-336TTA350M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 336TTA350M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105TTA050M ILLINOISCAPACITOR-105TTA050M Datasheet
318Kb / 3P
   Axial Lead - High Voltage
logo
List of Unclassifed Man...
CLA60 ETC1-CLA60 Datasheet
75Kb / 2P
   High Voltage AXIAL LEAD ISOLATORS
logo
New Jersey Semi-Conduct...
M50FF3 NJSEMI-M50FF3 Datasheet
278Kb / 1P
   High Voltage Diodes -Axial Lead
logo
Voltage Multipliers Inc...
M160UFGHT VMI-M160UFGHT Datasheet
475Kb / 2P
   High Voltage Rectifier - Axial Lead
logo
HuaXinAn Electronics CO...
H2R8-800L HUAXINAN-H2R8-800L_V01 Datasheet
210Kb / 2P
   3KA High Voltage,Axial Lead Wire
logo
GETAI ELECTRONICS DEVIC...
2CL60KV0.1A GETEDZ-2CL60KV0.1A Datasheet
202Kb / 1P
   HIGH VOLTAGE AXIAL LEAD FLAT PACK RECTIFIER
logo
List of Unclassifed Man...
CLA90 ETC1-CLA90 Datasheet
61Kb / 2P
   DIGITAL OUTPUT HIGH VOLTAGE AXIAL LEAD ISOLATORS
logo
Socay Electornics Co., ...
SAC SOCAY-SAC Datasheet
241Kb / 4P
   Axial Lead Transient Voltage Suppressors
LCE65 SOCAY-LCE65 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SAC ANOVA-SAC Datasheet
262Kb / 3P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com