Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7566DREZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7566DREZ
Description  Monolithic 6 Amp DC-DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7566DREZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL7566DREZ Datasheet HTML 2Page - Intersil Corporation EL7566DREZ Datasheet HTML 3Page - Intersil Corporation EL7566DREZ Datasheet HTML 4Page - Intersil Corporation EL7566DREZ Datasheet HTML 5Page - Intersil Corporation EL7566DREZ Datasheet HTML 6Page - Intersil Corporation EL7566DREZ Datasheet HTML 7Page - Intersil Corporation EL7566DREZ Datasheet HTML 8Page - Intersil Corporation EL7566DREZ Datasheet HTML 9Page - Intersil Corporation EL7566DREZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7102.5
December 1, 2004
Typical Performance Curves
VIN = VD = 5V, VO = 2.5V, IO = 6A, fS = 500kHz, L = 2.7µH, CIN = 100µF, COUT = 150µF, TA = 25°C unless otherwise noted.
FIGURE 1. EFFICIENCY (VIN = 5V)
FIGURE 2. EFFICIENCY (VIN = 3.3V)
FIGURE 3. VREF vs TEMPERATURE
FIGURE 4. VTJ vs TEMPERATURE
FIGURE 5. VEN_HI & VEN_LOW vs VDD
FIGURE 6. FS vs COSC
100
95
90
85
80
75
70
65
60
01
2
4
5
6
3
IO (A)
VO=3.3V
VO=0.8V
VO=2.5V
VO=1.8V
VO=1V
VO=1.2V
100
95
90
85
80
75
70
65
60
01
2
4
56
3
IO (A)
VO=0.8V
VO=2.5V
VO=1.2V
VO=1V
VO=1.8V
1.265
1.255
1.25
1.24
1.245
050
100
150
JUNCTION TEMPERATURE (°C)
1.26
VDD=3.3V
VDD=5V
1.6
1.4
1.1
1
0
050
100
150
JUNCTION TEMPERATURE (°C)
1.5
VDD=3.3V
VDD=5V
1.2
1.3
4
2
1.5
1
345
6
VDD (V)
3.5
VEN_HI
VEN_LOW
2.5
3
3.5
4.5
5.5
1200
500
200
0
100
300
500
700
COSC (pF)
1000
VDD=3.3V
VDD=5V
600
800
200
400
600
EL7566


Similar Part No. - EL7566DREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566DREZ INTERSIL-EL7566DREZ Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566DREZ RENESAS-EL7566DREZ Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566DREZ-T13 INTERSIL-EL7566DREZ-T13 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566DREZ-T13 RENESAS-EL7566DREZ-T13 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566DREZ-T7 INTERSIL-EL7566DREZ-T7 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
More results

Similar Description - EL7566DREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com