Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7023MU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7023MU
Description  1W CMOS Mono Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7023MU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7023MU Datasheet HTML 1Page - Fairchild Semiconductor FAN7023MU Datasheet HTML 2Page - Fairchild Semiconductor FAN7023MU Datasheet HTML 3Page - Fairchild Semiconductor FAN7023MU Datasheet HTML 4Page - Fairchild Semiconductor FAN7023MU Datasheet HTML 5Page - Fairchild Semiconductor FAN7023MU Datasheet HTML 6Page - Fairchild Semiconductor FAN7023MU Datasheet HTML 7Page - Fairchild Semiconductor FAN7023MU Datasheet HTML 8Page - Fairchild Semiconductor FAN7023MU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FAN7023
3
Electrical Characteristics
(RL = 8Ω, Ta = 25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min. Typ. Max.
Unit
VDD = 5.0V, UNLESS OTHERWISE SPECIFIED
Quiescent Power Supply Current
IDD
VIN = 0V,IO = 0A
-
1.8
6
mA
Shutdown Current
ISD
VSD = VDD
-0.01
2.0
µA
Output Offset Voltage
VOS
VIN = 0V
-
5
50
mV
Output Power
PO
THD = 1% (Max.); f = 1kHz
-
1
-
W
Total Harmonic Distortion+Noise
THD+N
PO = 0.25Wrms,gain = 2, f =1kHz
-
0.1
-
%
Power Supply Rejection Ratio
PSRR
VDD ±250mVp, f = 1kHz
-
65
-
dB
VDD = 3.3V, UNLESS OTHERWISE SPECIFIED
Quiescent Power Supply Current
IDD
VIN = 0V,IO = 0A
-
1.5
-
mA
Shutdown Current
ISD
VSD = VDD
-0.01
-
µA
Output Offset Voltage
VOS
VIN = 0V
-
5
-
mV
Output Power
PO
THD = 1% (Max.);f = 1kHz
-
0.45
-
W
Total Harmonic Distortion+Noise
THD+N
PO = 0.25Wrms, gain =2, f = 1kHz
-
0.15
-
%
Power Supply Rejection Ratio
PSRR
VDD ±250mVp, f = 1kHz
-
65
-
dB
VDD = 2.6V, UNLESS OTHERWISE SPECIFIED
Quiescent Power Supply Current
IDD
VIN = 0V,IO = 0A
-
1.3
-
mA
Shutdown Current
ISD
VSD = VDD
-0.01
-
µA
Output Offset Voltage
VOS
VIN = 0V
-
5
-
mV
Output Power
PO
THD = 1% (Max.);f = 1kHz
-
0.2
-
W
Total Harmonic Distortion+Noise
THD+N
PO = 0.2Wrms, gain = 2, f = 1kHz
-
0.25
-
%
Power Supply Rejection Ratio
PSRR
VDD ±250mVp, f = 1kHz
-
65
-
dB


Similar Part No. - FAN7023MU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7021 FAIRCHILD-FAN7021 Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7021M FAIRCHILD-FAN7021M Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7024 FAIRCHILD-FAN7024 Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
FAN7024MPX FAIRCHILD-FAN7024MPX Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
FAN7024MU FAIRCHILD-FAN7024MU Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
More results

Similar Description - FAN7023MU

ManufacturerPart #DatasheetDescription
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
NTE Electronics
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
logo
Fairchild Semiconductor
FAN7024 FAIRCHILD-FAN7024 Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Aplus Intergrated Circu...
AP4890B APLUS-AP4890B Datasheet
325Kb / 15P
   1W AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7116 PANASONIC-AN7116 Datasheet
87Kb / 3P
   1W AUDIO POWER AMPLIFIER CIRCUIT
logo
Princeton Technology Co...
PT2307 PTC-PT2307 Datasheet
208Kb / 4P
   1W Audio Power Integration Amplifier
logo
Shenzhen Huazhimei Semi...
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
   1.25W Mono Audio Power Amplifier
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
   140W MONO BASH POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com