Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-850-302G-NG2 Datasheet(PDF) 4 Page - Copal Electronics

Part # PA-850-302G-NG2
Description  PRESSURE TRANSDUCERS WITH AMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-850-302G-NG2 Datasheet(HTML) 4 Page - Copal Electronics

  PA-850-302G-NG2 Datasheet HTML 1Page - Copal Electronics PA-850-302G-NG2 Datasheet HTML 2Page - Copal Electronics PA-850-302G-NG2 Datasheet HTML 3Page - Copal Electronics PA-850-302G-NG2 Datasheet HTML 4Page - Copal Electronics PA-850-302G-NG2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pressure port M5 depth 6
48.51
(14)
13.5
(8)
27
Label 2
Lot. No.
R 1/4 (PT 1/4)
(SUS 316L)
(SUS 316L)
Housing
4-core shielded cable (
4.5)
L = 2000 100 AWG22 ULNo.2547
19
0
–0.3
φ
Indicator LED
Pressure setting VR
Hysteresis setting VR
Label 1
Plastic cover
(ABS+PC)
Cable nut
Brass + Ni-plated
OConfigurations of joint R2 (R1/4) type
Diaphragm
Outside :
22.8
Inside :
18
Label 2
G 3/8 (PF 3/8)
(SUS 316L)
Housing
(SUS 316L)
Plastic cover
(ABS+PC)
Label 1
Hysteresis setting VR
Indicator LED
Pressure setting VR
Cable nut
Lot No.
(SUS 316L)
49
± 1
(14)
11
(11)
27
27
0
–0.3
φ
φ
Brass + Ni-plated
“O” rirg groove
4-core shielded cable (
4.5)
L = 2000 100 AWG22 ULNo.2547
φ
OConfigurations of joint GF (G 3/8) type
Outside :
20
Inside :
15
Label 2
G 1/4 (PF 1/4)
(SUS 316L)
Housing
(SUS 316L)
Plastic cover
(ABS+PC)
Label 1
Hysteresis setting VR
Indicator LED
Pressure setting VR
Cable nut
Lot No.
Pressure port M 5 depth 6
48
± 1
(14)
12
(9)
27
22
0
–0.3
φ
φ
Brass + Ni-plated
“O” rirg groove
4-core shielded cable (
4.5)
L = 2000 100 AWG22 ULNo.2547
φ
OConfigurations of joint G2 (G 1/4) type
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
PA-850
PRESSURE TRANSDUCERS WITH AMP.
Wire color
Brown
White
Black
Blue
Shield
Connection
Power
B
Analog output
Switch output
Common
Fitting
Extra care should be taken with the diaphragm part. Do not touch the diaphragm directly to avoid damaging the diaphragm.


Similar Part No. - PA-850-302G-NG2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-850 COPAL-PA-850 Datasheet
1Mb / 4P
   Pressure transducer with amp
More results

Similar Description - PA-850-302G-NG2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
   Pressure Transducers with Amp
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
   Pressure Transducers with Amp.
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP.
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com