Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9024 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9024
Description  Automatic Cable Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024 Datasheet(HTML) 6 Page - Gennum Corporation

  GS9024 Datasheet HTML 1Page - Gennum Corporation GS9024 Datasheet HTML 2Page - Gennum Corporation GS9024 Datasheet HTML 3Page - Gennum Corporation GS9024 Datasheet HTML 4Page - Gennum Corporation GS9024 Datasheet HTML 5Page - Gennum Corporation GS9024 Datasheet HTML 6Page - Gennum Corporation GS9024 Datasheet HTML 7Page - Gennum Corporation GS9024 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GENNUM CORPORATION
521 - 70 - 06
6
Fig. 9 Output Data Waveform at 270Mb/s, 300m
Fig. 10 Output Data Waveform at 540Mb/s, 200m
DETAILED DESCRIPTION
The GS9024 Automatic Cable Equalizer is a bipolar
integrated circuit designed to equalize serial digital data
signals between 30Mbps and 622Mbps. Powered from a
single
+5V
or
-5V
supply,
the
device
consumes
approximately 240mW of power.
The serial data signal is connected to the input pins
(SDI/SDI) either differentially or single ended. The input
signal passes through a variable gain equalizing stage
whose frequency response closely matches the inverse
cable loss characteristic. In addition, the variation of the
frequency response with control voltage imitates the
variation of the inverse cable loss characteristic with cable
length. The gain stage provides up to 40dB of gain at
200MHz which will typically result in equalization of greater
than 350m at 270Mb/s of Belden 8281 cable.
The edge energy of the equalized signal is monitored by a
detector
circuit
which
produces
an
error
signal
corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is
integrated by an external differential AGC filter capacitor
(AGC+/AGC-) providing a steady control voltage for the
gain stage. As the frequency response of the gain stage is
automatically
varied
by
the
application
of
negative
feedback, the edge energy of the equalized signal is kept
at a constant level which is representative of the original
edge energy at the transmitter.
The equalized signal is DC restored, thereby restoring its
logic threshold to its corrective level regardless of shifts due
to AC coupling. The digital output signals have PECL
voltage levels (800mV) and are available at pins SDO and
SDO.
1. OUTPUT HIGH Z
A HIGH Z pin allows the data outputs to be put into a high
impedance state which disconnects them from the output
traces. This feature is ideal for input expansion in router
applications as it eliminates the need for input muxes or
crosspoints.
2. SIGNAL STRENGTH INDICATION/CARRIER DETECT
The GS9024 incorporates an analog signal strength
indicator/carrier detect output (SSI/CD) which indicates
both the presence of a carrier and the amount of
equalization applied to the signal. The voltage output of this
pin versus cable length (signal strength) is shown in
Figure 11. With 0m of cable (800mV input signal levels), the
SSI/CD output voltage is approximately 4.5V.
As
the
cable
length
increases,
the SSI/CD voltage
decreases linearly providing accurate correlation between
the SSI/CD voltage and cable length.
When the signal strength decreases to the level set at the
"Carrier Detect Threshold Adjust" pin, the SSI/CD voltage
goes to a logic "0" state (0.8V) and can be used to drive
other TTL/CMOS compatible logic inputs. In addition, when
loss of carrier is detected the SDO/SDO outputs are muted
(set to a known static state).


Similar Part No. - GS9024

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKBE3 GENNUM-GS9024-CKBE3 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CTB GENNUM-GS9024-CTB Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CTBE3 GENNUM-GS9024-CTBE3 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
More results

Similar Description - GS9024

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com