Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9024 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9024
Description  Automatic Cable Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024 Datasheet(HTML) 2 Page - Gennum Corporation

  GS9024 Datasheet HTML 1Page - Gennum Corporation GS9024 Datasheet HTML 2Page - Gennum Corporation GS9024 Datasheet HTML 3Page - Gennum Corporation GS9024 Datasheet HTML 4Page - Gennum Corporation GS9024 Datasheet HTML 5Page - Gennum Corporation GS9024 Datasheet HTML 6Page - Gennum Corporation GS9024 Datasheet HTML 7Page - Gennum Corporation GS9024 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GENNUM CORPORATION
521 - 70 - 06
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
5.5V
Input Voltage Range (any input)
VCC +0.5 to VEE -0.5V
Operating Temperature Range
0°C
≤ T
A ≤ 70°C
Storage Temperature Range
-65°C
≤ T
S ≤ 150°C
Lead Temperature (soldering, 10 sec)
260°C
DC ELECTRICAL CHARACTERISTICS
VCC = 5V, VEE = 0V, TA = 0°C TO 70°C unless otherwise shown.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
1
MAX
UNITS
NOTES
TEST
LEVEL
Supply Voltage
VCC
4.75
5.0
5.25
V
Power Consumption
PD
-
240
-
mW
3
with OEM active
-
340
-
mW
3
Supply Current
Ι
S
-44-
mA
1
with OEM active
-
58
-
mA
1
Serial Data O/P Current
Ι
SDO
RL = 75Ω
-11-
mA
3
SDI/SDI Common Mode
Voltage
-2.5
-
V
1
AGC+/AGC- Mode
Voltage
-2.7
-
V
1
OEM Bias Potential
-
4.5
-
V
1
SSI/CD Output Current
Ι
SOURCE
CLMAX = 50pF RL =
-
-
18
µA
CLMAX = 50pF RL = 5kΩ
--
110
µA
Ι
SINK
-1.0
1.5
mA
High Z Input Voltage
VHIGH
2.4
-
-
V
1
VLOW
--
0.8
V
1
TEST LEVELS
1. 100% tested at 25°C.
2. Guaranteed by design.
3. Inferred or co-related value.
NOTES
1. Typical values are parametric norms at 25°C.


Similar Part No. - GS9024

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKBE3 GENNUM-GS9024-CKBE3 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CTB GENNUM-GS9024-CTB Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CTBE3 GENNUM-GS9024-CTBE3 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
More results

Similar Description - GS9024

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com