Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2107AF-08-SR Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM3P2107AF-08-SR
Description  Peak EMI Reducing Solution
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2107AF-08-SR Datasheet(HTML) 1 Page - ON Semiconductor

  ASM3P2107AF-08-SR Datasheet HTML 1Page - ON Semiconductor ASM3P2107AF-08-SR Datasheet HTML 2Page - ON Semiconductor ASM3P2107AF-08-SR Datasheet HTML 3Page - ON Semiconductor ASM3P2107AF-08-SR Datasheet HTML 4Page - ON Semiconductor ASM3P2107AF-08-SR Datasheet HTML 5Page - ON Semiconductor ASM3P2107AF-08-SR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. P2
1
Publication Order Number:
ASM3P2107A/D
ASM3P2107A
Product Preview
Peak EMI Reducing
Solution
Description
The ASM3P2107A is a versatile spread spectrum frequency
modulator designed specifically for input clock frequencies from
12 MHz to 22 MHz. The ASM3P2107A can generate an EMI reduced
clock from crystal, ceramic resonator, or system clock.
The ASM3P2107A reduces electromagnetic interference (EMI) at
the clock source, allowing system wide reduction of EMI of down
stream clock and data dependent signals. The ASM3P2107A allows
significant system cost savings by reducing the number of circuit
board layers ferrite beads, shielding and other passive components that
are traditionally required to pass EMI regulations.
The ASM3P2107A uses the most efficient and optimized
modulation profile approved by the FCC and is implemented in a
proprietary all digital method.
The ASM3P2107A modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock, and more importantly,
decreases the peak amplitudes of its harmonics. This results in
significantly lower system EMI compared to the typical narrow band
signal produced by oscillators and most frequency generators.
Lowering EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation.’
Applications
The ASM3P2107A is targeted towards EMI management for high
speed digital applications such as PC peripheral devices, consumer
electronics and embedded controller systems.
Features
FCC Approved Method of EMI Attenuation
Generates a 1X Low EMI Spread Spectrum Clock of the Input
Frequency
Input Frequency Range: 12 MHz to 22 MHz
Internal Loop Filter Minimizes External Components and Board
Space
Frequency Deviation: − 0.8% (Typ) @ 20 MHz
Low Cycle−to−Cycle Jitter
5.0 V ± 5% Operating Voltage Range
TTL or CMOS Compatible Outputs
Available in 8−pin TSSOP and SOIC Package
These are Pb−Free Devices
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
http://onsemi.com
SOIC−8
S SUFFIX
CASE 751BD
PIN CONFIGURATION
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
NC
NC
VDD
CLOCKOUT
XOUT
GND
XIN/CLKIN
1
NC
TSSOP−8
T SUFFIX
CASE 948AL


Similar Part No. - ASM3P2107AF-08-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2107AF-08-SR ALSC-ASM3P2107AF-08-SR Datasheet
325Kb / 7P
   Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2107AF-08-SR PULSECORE-ASM3P2107AF-08-SR Datasheet
305Kb / 7P
   Peak EMI Reducing Solution
More results

Similar Description - ASM3P2107AF-08-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com