Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E104FNG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E104FNG
Description  5 V ECL Quint 2?륤nput AND/NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E104FNG Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E104FNG Datasheet HTML 1Page - ON Semiconductor MC10E104FNG Datasheet HTML 2Page - ON Semiconductor MC10E104FNG Datasheet HTML 3Page - ON Semiconductor MC10E104FNG Datasheet HTML 4Page - ON Semiconductor MC10E104FNG Datasheet HTML 5Page - ON Semiconductor MC10E104FNG Datasheet HTML 6Page - ON Semiconductor MC10E104FNG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10E104, MC100E104
www.onsemi.com
2
F
F
VCCO
NC
D4a
D4b
D3a
D3b
D2a
D2b
VEE
D1a
D1b
D0a
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
56
7
8
9
10
Q4
Q4
VCC
Q3
Q3
Q2
Q2
D0b VCCO
Q0 Q0
Q1
Q1 VCCO
1
All VCC and VCCO pins are tied together on the die.
Figure 1. 28-Lead Pinout (Top View)
Figure 2. Logic Diagram
D0a
D0b
D1a
D1b
D2a
D2b
D3a
D3b
D4a
D4b
F
F
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D0a − D4b
ECL Data Inputs
Q0 − Q4
ECL AND Outputs
Q0 − Q4
ECL NAND Outputs
F
ECL OR Output
F
ECL NOR Output
VCC, VCCO
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 2. FUNCTION OUTPUTS
F =
(D0a • D0b) + (D1a • D1b) + (D2a • D2b) +
(D3a • D3b) + (D4a • D4b)


Similar Part No. - MC10E104FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E104FNG ONSEMI-MC10E104FNG Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
More results

Similar Description - MC10E104FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05_16 Datasheet
169Kb / 8P
   5V ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 7
MC10EP05 ONSEMI-MC10EP05_16 Datasheet
190Kb / 11P
   ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 10
MC10EL04 ONSEMI-MC10EL04_16 Datasheet
158Kb / 7P
   5V ECL 2?륤nput AND/NAND
July, 2016 ??Rev. 7
MC100LVEL05 ONSEMI-MC100LVEL05_16 Datasheet
169Kb / 6P
   3.3V ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 5
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304 MICREL-SY100S304 Datasheet
98Kb / 5P
   QUINT AND/NAND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com