Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E131 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10E131
Description  5V ECL 4?륛it D Flip?륡lop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E131 Datasheet(HTML) 6 Page - ON Semiconductor

  MC10E131_16 Datasheet HTML 1Page - ON Semiconductor MC10E131_16 Datasheet HTML 2Page - ON Semiconductor MC10E131_16 Datasheet HTML 3Page - ON Semiconductor MC10E131_16 Datasheet HTML 4Page - ON Semiconductor MC10E131_16 Datasheet HTML 5Page - ON Semiconductor MC10E131_16 Datasheet HTML 6Page - ON Semiconductor MC10E131_16 Datasheet HTML 7Page - ON Semiconductor MC10E131_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC10E131, MC100E131
www.onsemi.com
6
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC10E131_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E131FN ONSEMI-MC10E131FN Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10E131FNG ONSEMI-MC10E131FNG Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10E131FNR2 ONSEMI-MC10E131FNR2 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10E131FNR2G ONSEMI-MC10E131FNR2G Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10E131 ONSEMI-MC10E131_06 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com