Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E131FNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10E131FNR2G
Description  5V ECL 4?륛it D Flip?륡lop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E131FNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC10E131FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E131FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E131FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E131FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E131FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E131FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E131FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E131FNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 12
1
Publication Order Number:
MC10E131/D
MC10E131, MC100E131
5V ECL 4‐Bit D Flip‐Flop
Description
The MC10E/100E131 is a quad master-slave D-type flip-flop with
differential outputs. Each flip-flop may be clocked separately by
holding Common Clock (CC) LOW and using the Clock Enable (CE)
inputs for clocking. Common clocking is achieved by holding the CE
inputs LOW and using CC to clock all four flip-flops. In this case, the
CE inputs perform the function of controlling the common clock, to
each flip-flop.
Individual asynchronous resets are provided (R). Asynchronous set
controls (S) are ganged together in pairs, with the pairing chosen to
reflect physical chip symmetry.
Data enters the master when both CC and CE are LOW, and transfers
to the slave when either CC or CE (or both) go HIGH.
The 100 Series contains temperature compensation.
Features
1100 MHz Min. Toggle Frequency
Differential Outputs
Individual and Common Clocks
Individual Resets (asynchronous)
Paired Sets (asynchronous)
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Metastability Time Constant is 200 ps.
Internal Input 50 kW Pulldown Resistors
ESD Protection:
Human Body Model; > 2 kV
Machine Model; > 200 V
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level: 3 (Pb-Free)
For Additional Information, see Application Note AND8003/D
Flammability Rating:UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34
Transistor Count = 240 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
MCxxxE131G
AWLYYWW
1
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10E131FNG
PLCC−28
(Pb-Free)
37 Units/Tube
MC10E131FNR2G
PLCC−28
(Pb-Free)
500/Tape & Reel
PLCC−28
(Pb-Free)
MC100E131FNR2G
500/Tape & Reel
PLCC−28
(Pb-Free)
MC100E131FNG
37 Units/Tube


Similar Part No. - MC10E131FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E131FNR2G ONSEMI-MC10E131FNR2G Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com