Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E137FNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100E137FNG
Description  5V ECL 8?륛it Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E137FNG Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E137FNG Datasheet HTML 1Page - ON Semiconductor MC100E137FNG Datasheet HTML 2Page - ON Semiconductor MC100E137FNG Datasheet HTML 3Page - ON Semiconductor MC100E137FNG Datasheet HTML 4Page - ON Semiconductor MC100E137FNG Datasheet HTML 5Page - ON Semiconductor MC100E137FNG Datasheet HTML 6Page - ON Semiconductor MC100E137FNG Datasheet HTML 7Page - ON Semiconductor MC100E137FNG Datasheet HTML 8Page - ON Semiconductor MC100E137FNG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 9
1
Publication Order Number:
MC10E137/D
MC10E137, MC100E137
5 V ECL 8‐Bit Ripple Counter
Description
The MC10E/100E137 is a very high speed binary ripple counter. The
two least significant bits were designed with very fast edge rates while
the more significant bits maintain standard ECLinPS
™ output edge
rates. This allows the counter to operate at very high frequencies while
maintaining a moderate power dissipation level.
The device is ideally suited for multiple frequency clock generation
as well as a counter in a high performance ATE time measurement
board.
Both asynchronous and synchronous enables are available to
maximize the device’s flexibility for various applications. The
asynchronous enable input, A_Start, when asserted enables the counter
while overriding any synchronous enable signals. The E137 features
XORed enable inputs, EN1 and EN2, which are synchronous to the
CLK input. When only one synchronous enable is asserted the counter
becomes disabled on the next CLK transition; all outputs remain in the
previous state poised for the other synchronous enable or A_Start to be
asserted to re-enable the counter. Asserting both synchronous enables
causes the counter to become enabled on the next transition of the CLK.
If EN1 (or EN2) and CLK edges are coincident, sufficient delay has
been inserted in the CLK path (to compensate for the XOR gate delay
and the internal D-flip flop setup time) to insure that the synchronous
enable signal is clocked correctly, hence, the counter is disabled.
All input pins left open will be pulled LOW via an input pulldown
resistor. Therefore, do not leave the differential CLK inputs open.
Doing so causes the current source transistor of the input clock gate to
become saturated, thus upsetting the internal bias regulators and
jeopardizing the stability of the device.
The asynchronous Master Reset resets the counter to an all zero state
upon assertion.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB and
VCC via a 0.01 mF capacitor and limit current sourcing or sinking to
0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
Differential Clock Input and Data Output Pins
VBB Output for Single-Ended Use
Synchronous and Asynchronous Enable Pins
Asynchronous Master Reset
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pull-down Resistors
Transistor Count = 330 devices
ESD Protection:
Human Body Model: > 2 kV
Machine Model: > 200 V
Meets or Exceeds JEDEC Spec EIA/JESD78 IC
Latchup Test
Moisture Sensitivity Level: 3 (Pb-Free)
For Additional Information, see Application Note
AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
These Devices are Pb-Free, Halogen Free and are
RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
MCxxxE137FNG
AWLYYWW
1
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10E137FNG
PLCC−28
(Pb-Free)
37 Units/Tube
MC100E137FNG
PLCC−28
(Pb-Free)
37 Units/Tube


Similar Part No. - MC100E137FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E137FNG ONSEMI-MC100E137FNG Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FNG ONSEMI-MC100E137FNG Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
More results

Similar Description - MC100E137FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E137 ONSEMI-MC10E137_06 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_08 Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E167 ONSEMI-MC10E167_16 Datasheet
156Kb / 8P
   5V ECL 6?륛it 2:1 MUX?륱egiste
July, 2016 ??Rev. 9
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
Micrel Semiconductor
SY10E137 MICREL-SY10E137 Datasheet
76Kb / 4P
   8-BIT RIPPLE COUNTER
logo
ON Semiconductor
MC10E137 ONSEMI-MC10E137 Datasheet
117Kb / 5P
   8-BIT RIPPLE COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com