Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4421A Datasheet(PDF) 1 Page - Keysight Technologies

Part # L4421A
Description  40-Channel Armature Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

L4421A Datasheet(HTML) 1 Page - Keysight Technologies

  L4421A Datasheet HTML 1Page - Keysight Technologies L4421A Datasheet HTML 2Page - Keysight Technologies L4421A Datasheet HTML 3Page - Keysight Technologies L4421A Datasheet HTML 4Page - Keysight Technologies L4421A Datasheet HTML 5Page - Keysight Technologies L4421A Datasheet HTML 6Page - Keysight Technologies L4421A Datasheet HTML 7Page - Keysight Technologies L4421A Datasheet HTML 8Page - Keysight Technologies L4421A Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Keysight L4421A
40-Channel Armature Multiplexer
Data Sheet
– LXI compliance includes built-in Ethernet connectivity
– Fully-featured graphical web interface
– 40 2-wire latching armature relays
– Thermocouple reference junction for temperature
measurements (requires external DMM)
– Relay counter
– Scan up to 100 ch/s
– 300 V, 1 A switch; 2 A carry current
– Software drivers for most common programming
environments


Similar Part No. - L4421A

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L442-155.52 CONNOR-WINFIELD-L442-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results

Similar Description - L4421A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E8462A KEYSIGHT-E8462A Datasheet
251Kb / 5P
   256-Channel Armature Relay Multiplexer
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
logo
Maxwell Technologies
81840 MAXWELL-81840 Datasheet
155Kb / 12P
   128 Channel Multiplexer
logo
Renesas Technology Corp
HD74ALVC2G157 RENESAS-HD74ALVC2G157_15 Datasheet
120Kb / 13P
   2-channel Multiplexer
logo
Hitachi Semiconductor
HD74LV2G157A HITACHI-HD74LV2G157A Datasheet
107Kb / 11P
   2-channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
   8-CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC7WH157FK TOSHIBA-TC7WH157FK_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com