Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4433A Datasheet(PDF) 8 Page - Keysight Technologies

Part # L4433A
Description  L4433A Dual/Quad 4x8 Reed Matrix
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

L4433A Datasheet(HTML) 8 Page - Keysight Technologies

  L4433A Datasheet HTML 1Page - Keysight Technologies L4433A Datasheet HTML 2Page - Keysight Technologies L4433A Datasheet HTML 3Page - Keysight Technologies L4433A Datasheet HTML 4Page - Keysight Technologies L4433A Datasheet HTML 5Page - Keysight Technologies L4433A Datasheet HTML 6Page - Keysight Technologies L4433A Datasheet HTML 7Page - Keysight Technologies L4433A Datasheet HTML 8Page - Keysight Technologies L4433A Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
08 Keysight L4433A Dual/Quad 4x8 Reed Matrix
Ordering information
L4433A Dual/quad 4x8 Reed Matrix
Includes User’s guide on CD, power
cord, and Quick Start package
Option GPIB
Adds GPIB interface
Option 0B0
Deletes printed manual set, full docu-
mentation included on CD ROM
Option ABA
English printed manual set
Connection Options
Select terminal block for discrete wir-
ing, cables or connector kits. Cables
and connector kits require 2 per instru-
ment.
34933T
Terminal block for 34933A and L4433A
dual 4x8 Matrix
Y1135A
1.5 m 50-pin Dsub, M/F twisted pair
with outer shield cable – 300 V
Y1136A
3 m 50-pin Dsub, M/F twisted pair
with outer shield cable – 300 V
Y1139A
Solder cup connector kit with female
50-pin Dsub
Other accessories
Y1160A
Rack mount kit for L4400 series instru-
ments-racks 2 instruments side-by-side
with sliding tray
Note: when using the L4400 series rack
mount kit, use the Y1139A solder cup
connector kit rather than the 34921T
terminal block.
For additional information please visit:
http://www.keysight.com/find/L4433A
Related literature
Data sheets
5988-6302EN, Keysight VEE Pro
5989-1439EN, Keysight E2094N I/O
Libraries Suite 15.5


Similar Part No. - L4433A

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L443-155.52 CONNOR-WINFIELD-L443-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Keysight Technologies
L4437A KEYSIGHT-L4437A Datasheet
1Mb / 9P
   32-Channel Form A/Form C General Purpose Switch
logo
Kingbright Corporation
L443EDT KINGBRIGHT-L443EDT Datasheet
166Kb / 5P
   2.4mm FLAT TOP LED LAMPS
L443GDT KINGBRIGHT-L443GDT Datasheet
166Kb / 5P
   2.4mm FLAT TOP LED LAMPS
L443HDT KINGBRIGHT-L443HDT Datasheet
166Kb / 5P
   2.4mm FLAT TOP LED LAMPS
More results

Similar Description - L4433A

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
PXI-7931 ADLINK-PXI-7931 Datasheet
673Kb / 1P
   4x8 2-Wire Matrix Module
logo
QT Optoelectronics
GMA26481C QT-GMA26481C Datasheet
181Kb / 5P
   2.3 INCH (58.4 mm) 4X8 DOT MATRIX STICK DISPLAY
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B7XZ AVAGO-HDSP-B7XZ Datasheet
86Kb / 8P
   31.99 mm (1.26 inch) General Purpose 4x8 Dot Matrix Bi-Color Alphanumeric Displays
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
   LCD Driver (19x4) with Key Scan (4x8)
logo
EM Microelectronic - MA...
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
logo
PHOENIX CONTACT
1885606 PHOENIX-1885606 Datasheet
62Kb / 3P
   Cable gland - VC-K-KV-PG21 4X8
logo
Picker Components
D1A050000 PICKER-D1A050000 Datasheet
162Kb / 2P
   Dual Inline Pack Reed Relay
logo
List of Unclassifed Man...
HE751A0400 ETC1-HE751A0400 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
logo
PHOENIX CONTACT
1414720 PHOENIX-1414720 Datasheet
358Kb / 7P
   H distributor - QPD H 2PE1,5 4X8-13 BK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com