Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL01 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EL01
Description  5V ECL 4?륤nput OR/NOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL01 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EL01_16 Datasheet HTML 1Page - ON Semiconductor MC10EL01_16 Datasheet HTML 2Page - ON Semiconductor MC10EL01_16 Datasheet HTML 3Page - ON Semiconductor MC10EL01_16 Datasheet HTML 4Page - ON Semiconductor MC10EL01_16 Datasheet HTML 5Page - ON Semiconductor MC10EL01_16 Datasheet HTML 6Page - ON Semiconductor MC10EL01_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 7
1
Publication Order Number:
MC10EL01/D
MC10EL01, MC100EL01
5 V ECL 4‐Input OR/NOR
Description
The MC10EL/100EL01 is a 4-input OR/NOR gate. The device is
functionally equivalent to the E101 device with higher performance
capabilities. With propagation delays and output transition times
significantly faster than the E101, the EL01 is ideally suited for those
applications which require the ultimate in AC performance.
The 100 series contains temperature compensation.
Features
230 ps Propagation Delay
ESD Protection:
> 1 kV Human Body Model
> 100 V Machine Model
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level
Level 1 for SOIC−8
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating:
UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34
Transistor Count = 46 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
1
2
3
4
5
6
7
8
D0
D1
D2
D3
VEE
Q
Q
VCC
Figure 1. Logic Diagram and Pinout Assignment
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
KL01
ALYWG
G
SOIC−8
D SUFFIX
CASE 751−07
1
8
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
KEL01
ALYW
G
1
8
HL01
ALYWG
G
1
8
HEL01
ALYW
G
1
8
(Note: Microdot may be in either location)
H = MC10
K = MC100
4M= MC10
2A = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb-Free Package


Similar Part No. - MC10EL01_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL01D ONSEMI-MC10EL01D Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EL01D ONSEMI-MC10EL01D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL01DG ONSEMI-MC10EL01DG Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EL01DR2 ONSEMI-MC10EL01DR2 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EL01DR2G ONSEMI-MC10EL01DR2G Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com