Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL07 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EL07
Description  5.0 V ECL 2?륤nput XOR/XNOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL07 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EL07_16 Datasheet HTML 1Page - ON Semiconductor MC10EL07_16 Datasheet HTML 2Page - ON Semiconductor MC10EL07_16 Datasheet HTML 3Page - ON Semiconductor MC10EL07_16 Datasheet HTML 4Page - ON Semiconductor MC10EL07_16 Datasheet HTML 5Page - ON Semiconductor MC10EL07_16 Datasheet HTML 6Page - ON Semiconductor MC10EL07_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 8
1
Publication Order Number:
MC10EL07/D
MC10EL07, MC100EL07
5.0 V ECL
2‐Input XOR/XNOR
Description
The MC10EL/100EL07 is a 2-input XOR/XNOR gate. The device
is functionally equivalent to the E107 device with higher performance
capabilities. With propagation delays and output transition times
significantly faster than the E107, the EL07 is ideally suited for those
applications which require the ultimate in AC performance.
The 100 Series contains temperature compensation.
Features
260 ps Propagation Delay
ESD Protection:
> 1.0 KV Human Body Model
> 100 V Machine Model
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity:
Level 1 for SOIC−8 NB
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 47 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
1
2
3
45
6
7
8
NC
D0
D1
NC
VEE
Q
Q
VCC
Figure 1. Logic Diagram and Pinout Assignment
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
KL07
ALYWG
G
SOIC−8 NB
D SUFFIX
CASE 751−07
1
8
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
www.onsemi.com
KEL07
ALYW
G
1
8
HL07
ALYWG
G
1
8
HEL07
ALYW
G
1
8
(Note: Microdot may be in either location)
H = MC10
K = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
G = Pb-Free Package
SOIC−8 NB
TSSOP−8
ORDERING INFORMATION
Device
Package
Shipping†
MC10EL07DG
SOIC−8 NB
(Pb-Free)
98 Units/Tube
MC10EL07DTG
TSSOP−8
(Pb-Free)
100 Unit/Tube
MC100EL07DTG
100 Units/Tube
TSSOP−8
(Pb-Free)
MC100EL07DR2G
2500 Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOIC−8 NB
(Pb-Free)


Similar Part No. - MC10EL07_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL07D ONSEMI-MC10EL07D Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
MC10EL07D ONSEMI-MC10EL07D Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
MC10EL07D ONSEMI-MC10EL07D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL07DG ONSEMI-MC10EL07DG Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
MC10EL07DR2 ONSEMI-MC10EL07DR2 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
More results

Similar Description - MC10EL07_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com