Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL15 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10EL15
Description  5V ECL 1:4 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL15 Datasheet(HTML) 7 Page - ON Semiconductor

  MC10EL15_16 Datasheet HTML 1Page - ON Semiconductor MC10EL15_16 Datasheet HTML 2Page - ON Semiconductor MC10EL15_16 Datasheet HTML 3Page - ON Semiconductor MC10EL15_16 Datasheet HTML 4Page - ON Semiconductor MC10EL15_16 Datasheet HTML 5Page - ON Semiconductor MC10EL15_16 Datasheet HTML 6Page - ON Semiconductor MC10EL15_16 Datasheet HTML 7Page - ON Semiconductor MC10EL15_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10EL15, MC100EL15
www.onsemi.com
7
PACKAGE DIMENSIONS
SOIC−16
CASE 751B−05
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
18
16
9
SEATING
PLANE
F
J
M
R X 45_
G
8 PL
P
−B−
−A−
M
0.25 (0.010)
B S
−T−
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
____
6.40
16X
0.58
16X
1.12
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
STYLE 1:
PIN 1.
COLLECTOR
2.
BASE
3.
EMITTER
4.
NO CONNECTION
5.
EMITTER
6.
BASE
7.
COLLECTOR
8.
COLLECTOR
9.
BASE
10.
EMITTER
11.
NO CONNECTION
12.
EMITTER
13.
BASE
14.
COLLECTOR
15.
EMITTER
16.
COLLECTOR
STYLE 2:
PIN 1.
CATHODE
2.
ANODE
3.
NO CONNECTION
4.
CATHODE
5.
CATHODE
6.
NO CONNECTION
7.
ANODE
8.
CATHODE
9.
CATHODE
10.
ANODE
11.
NO CONNECTION
12.
CATHODE
13.
CATHODE
14.
NO CONNECTION
15.
ANODE
16.
CATHODE
STYLE 3:
PIN 1.
COLLECTOR, DYE #1
2.
BASE, #1
3.
EMITTER, #1
4.
COLLECTOR, #1
5.
COLLECTOR, #2
6.
BASE, #2
7.
EMITTER, #2
8.
COLLECTOR, #2
9.
COLLECTOR, #3
10.
BASE, #3
11.
EMITTER, #3
12.
COLLECTOR, #3
13.
COLLECTOR, #4
14.
BASE, #4
15.
EMITTER, #4
16.
COLLECTOR, #4
STYLE 4:
PIN 1.
COLLECTOR, DYE #1
2.
COLLECTOR, #1
3.
COLLECTOR, #2
4.
COLLECTOR, #2
5.
COLLECTOR, #3
6.
COLLECTOR, #3
7.
COLLECTOR, #4
8.
COLLECTOR, #4
9.
BASE, #4
10.
EMITTER, #4
11.
BASE, #3
12.
EMITTER, #3
13.
BASE, #2
14.
EMITTER, #2
15.
BASE, #1
16.
EMITTER, #1
STYLE 5:
PIN 1.
DRAIN, DYE #1
2.
DRAIN, #1
3.
DRAIN, #2
4.
DRAIN, #2
5.
DRAIN, #3
6.
DRAIN, #3
7.
DRAIN, #4
8.
DRAIN, #4
9.
GATE, #4
10.
SOURCE, #4
11.
GATE, #3
12.
SOURCE, #3
13.
GATE, #2
14.
SOURCE, #2
15.
GATE, #1
16.
SOURCE, #1
STYLE 6:
PIN 1.
CATHODE
2.
CATHODE
3.
CATHODE
4.
CATHODE
5.
CATHODE
6.
CATHODE
7.
CATHODE
8.
CATHODE
9.
ANODE
10.
ANODE
11.
ANODE
12.
ANODE
13.
ANODE
14.
ANODE
15.
ANODE
16.
ANODE
STYLE 7:
PIN 1.
SOURCE N‐CH
2.
COMMON DRAIN (OUTPUT)
3.
COMMON DRAIN (OUTPUT)
4.
GATE P‐CH
5.
COMMON DRAIN (OUTPUT)
6.
COMMON DRAIN (OUTPUT)
7.
COMMON DRAIN (OUTPUT)
8.
SOURCE P‐CH
9.
SOURCE P‐CH
10.
COMMON DRAIN (OUTPUT)
11.
COMMON DRAIN (OUTPUT)
12.
COMMON DRAIN (OUTPUT)
13.
GATE N‐CH
14.
COMMON DRAIN (OUTPUT)
15.
COMMON DRAIN (OUTPUT)
16.
SOURCE N‐CH
16
89
8X
*For additional information on our Pb-Free
strategy and soldering details, please
download the ON Semiconductor Solder-
ing and Mounting Techniques Reference
Manual, SOLDERRM/D.


Similar Part No. - MC10EL15_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL15D ONSEMI-MC10EL15D Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC10EL15DG ONSEMI-MC10EL15DG Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC10EL15DR2 ONSEMI-MC10EL15DR2 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC10EL15DR2G ONSEMI-MC10EL15DR2G Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com