Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS6424-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS6424-Q1
Description  2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS6424-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS6424-Q1 Datasheet HTML 6Page - Texas Instruments TAS6424-Q1 Datasheet HTML 7Page - Texas Instruments TAS6424-Q1 Datasheet HTML 8Page - Texas Instruments TAS6424-Q1 Datasheet HTML 9Page - Texas Instruments TAS6424-Q1 Datasheet HTML 10Page - Texas Instruments TAS6424-Q1 Datasheet HTML 11Page - Texas Instruments TAS6424-Q1 Datasheet HTML 12Page - Texas Instruments TAS6424-Q1 Datasheet HTML 13Page - Texas Instruments TAS6424-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
TAS6424-Q1
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: TAS6424-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6 Timing Requirements
Test conditions (unless otherwise noted): TC = 25°C, PVDD = VBAT = 14.4 V, VDD = 3.3 V, RL = 4 Ω, PO = 1 W/ch, ƒ = 1
kHz, fSW = 2.11 MHz, AES17 Filter, default I
2C settings, see Figure 79 and Figure 82
MIN
NOM
MAX
UNIT
I2C CONTROL PORT (See Figure 42)
tBUS
Bus free time between start and stop conditions
1.3
μs
tHOLD1
Hold time, SCL to SDA
0
ns
tHOLD2
Hold time, start condition to SCL
0.6
μs
tSTART
I2C startup time after VDD power on reset
12
ms
tRISE
Rise time, SCL and SDA
300
ns
tFALL
Fall time, SCL and SDA
300
ns
tSU1
Setup, SDA to SCL
100
ns
tSU2
Setup, SCL to start condition
0.6
μs
tSU3
Setup, SCL to stop condition
0.6
μs
tW(H)
Required pulse duration SCL High
0.6
μs
tW(L)
Required pulse duration SCL Low
1.3
μs
SERIAL AUDIO PORT (See Figure 36)
DMCLK,
DSCLK
Allowable input clock duty cycle
45%
50%
55%
ƒMCLK
Supported MCLK frequencies: 128, 256, or 512
128
512
xFS
ƒMCLK_Max
Maximum frequency
25
MHz
tSCY
SCLK pulse cycle time
40
ns
tSCL
SCLK pulse-with LOW
16
ns
tSCH
SCLK pulse-with HIGH
16
ns
trise/fall
Rise and fall time
4
ns
tSF
SCLK rising edge to FSYNC edge
8
ns
tFS
FSYNC rising edge to SCLK edge
8
ns
tDS
DATA set-up time
8
ns
tDH
DATA hold time
8
ns
ci
Input capacitance, pins MCLK, SCLK, FSYNC, SDIN1, SDIN2
10
pF
TLA
Latency from input to output measured in FSYNC
sample count
FSYNC = 44.1 kHz or 48 kHz
30
FSYNC = 96 kHz
12


Similar Part No. - TAS6424-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI-TAS6424-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424-Q1 TI-TAS6424-Q1 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
More results

Similar Description - TAS6424-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com