Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS6424QDKQQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS6424QDKQQ1
Description  2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS6424QDKQQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TAS6424QDKQQ1 Datasheet HTML 1Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 2Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 3Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 4Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 5Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 6Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 7Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 8Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
25-W 4-channel
5.9 cm
2
27 mm
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TAS6424-Q1
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
TAS6424-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier
With Load-Dump Protection and I2C Diagnostics
1
1 Features
1
Qualified for Automotive Applications
Audio Inputs
4 Channel I2S or 4/8-Channel TDM Input
Input Sample Rates: 44.1 kHz, 48 kHz, 96 kHz
Input Formats: 16-bit to 32-bit I2S, and TDM
Audio Outputs
Four-Channel Bridge-Tied Load (BTL), With
Option of Parallel BTL (PBTL)
Up to 2.1-MHz Output Switching Frequency
75 W, 10% THD Into 4
Ω at 25 V
45 W, 10% THD Into 2
Ω at 14.4 V
150 W, 10% THD Into 2
Ω at 25 V PBTL
Audio Performance Into 4
Ω at 14.4 V
THD+N < 0.03% at 1 W
42-µVRMS Output Noise
–90-dB Crosstalk
Load Diagnostics
Output Open and Shorted Load
Output-to-Battery or Ground Shorts
Line Output Detection Up to 6 k
Runs Without Input Clocks
AC Diagnostic for Tweeter detection
Protection
Output Current Limiting
Output Short Protection
40-V Load Dump
Open Ground and Power Tolerant
DC Offset
Overtemperature
Undervoltage and Overvoltage
General Operation
EVM Passes CISPR25-L5 EMC Specification
4.5-V to 26.4-V Supply voltage
I2C Control With 4 Address Options
Clip Detection and Thermal Warning
2 Applications
Automotive Head Units
Automotive External Amplifier Modules
3 Description
The TAS6424-Q1 device is a Four-channel digital-
input Class-D audio amplifier designed for use in
automotive
head
units
and
external
amplifier
modules. The device provides four channels at 27 W
into 4
Ω at 10% THD+N and 45 W into 2 Ω at 10%
THD+N from a 14.4-V supply and 75 W into 4
Ω at
10% THD+N from a 25-V supply. The Class-D
topology
dramatically
improves
efficiency
over
traditional
linear
amplifier
solutions.
The
output
switching frequency can be set either above the AM
band, which eliminates the AM-band interference and
reduces output filtering and cost, or below AM band
to optimize efficiency.
The wide supply-voltage range from 4.5 V to 26.4 V
helps
minimize
audio
artefacts
in
start-stop
applications
The device incorporates all the functionality required
to perform in the demanding OEM applications area.
The device has a built-in load diagnostic function for
detecting and diagnosing misconnected outputs as
well as detection AC-coupled tweeters to help to
reduce test time during the manufacturing process.
The
device
is
offered
in
a
56-pin
HSSOP
PowerPAD™ package with the exposed thermal pad
up.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS6424-Q1
HSSOP (56)
18.41 mm × 7.49 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
PCB AREA


Similar Part No. - TAS6424QDKQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424QDKQRQ1 TI1-TAS6424QDKQRQ1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results

Similar Description - TAS6424QDKQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com