Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65266-1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65266-1
Description  2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65266-1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65266-1 Datasheet HTML 1Page - Texas Instruments TPS65266-1 Datasheet HTML 2Page - Texas Instruments TPS65266-1 Datasheet HTML 3Page - Texas Instruments TPS65266-1 Datasheet HTML 4Page - Texas Instruments TPS65266-1 Datasheet HTML 5Page - Texas Instruments TPS65266-1 Datasheet HTML 6Page - Texas Instruments TPS65266-1 Datasheet HTML 7Page - Texas Instruments TPS65266-1 Datasheet HTML 8Page - Texas Instruments TPS65266-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
TPS65266-1
www.ti.com
SLVSDA6 – OCTOBER 2016
Product Folder Links: TPS65266-1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage at
VIN1, VIN2, VIN3, VINQ
–0.3
7
V
LX1, LX2, LX3 (maximum withstand voltage transient <20 ns)
–1.0
7
BST1, BST2, BST3 referenced to LX1, LX2, LX3 pins respectively
–0.3
7
EN1, EN2, EN3, PGOOD
–0.3
7
FB1, FB2, FB3, COMP1 , COMP2, COMP3, SS1, SS2, SS3, ROSC
–0.3
3.6
AGND, PGND1, PGND2, PGND3
–0.3
0.3
TJ
Operating junction temperature
–30
125
°C
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Voltage at
VIN1, VIN2, VIN3, VINQ
2.7
6
V
LX1, LX2, LX3 (maximum withstand voltage transient <20 ns)
–0.8
6
BST1, BST2, BST3 referenced to LX1, LX2, LX3 pins respectively
–0.1
6
EN1, EN2, EN3, PGOOD
–0.1
6
FB1, FB2, FB3, COMP1 , COMP2, COMP3, SS1, SS2, SS3, ROSC
–0.1
3
TJ
Operating junction temperature
–30
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS65266-1
UNIT
RHB
32-PIN VQFN
RθJA
Junction-to-ambient thermal resistance
34.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
27.5
°C/W
RθJB
Junction-to-board thermal resistance
8.3
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
8.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.8
°C/W


Similar Part No. - TPS65266-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RTQR TI1-TPS65266-1RTQR Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RTQT TI1-TPS65266-1RTQT Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65266-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS628501 TI-TPS628501_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com