Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB50PA60C Datasheet(PDF) 2 Page - International Rectifier

Part # HFB50PA60C
Description  Ultrafast, Soft Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFB50PA60C Datasheet(HTML) 2 Page - International Rectifier

  HFB50PA60C Datasheet HTML 1Page - International Rectifier HFB50PA60C Datasheet HTML 2Page - International Rectifier HFB50PA60C Datasheet HTML 3Page - International Rectifier HFB50PA60C Datasheet HTML 4Page - International Rectifier HFB50PA60C Datasheet HTML 5Page - International Rectifier HFB50PA60C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HFA50PA60C
Bulletin PD-2.337 rev. C 05/01
2
www.irf.com
Parameter
Min
Typ
Max
Units
Tlead!
Lead Temperature
––––
––––
300
°C
Junction-to-Case, Single Leg Conducting
––––
––––
0.83
Junction-to-Case, Both Legs Conducting
––––
––––
0.42
RthJA"
Thermal Resistance, Junction to Ambient
––––
––––
40
RthCS#
Thermal Resistance, Case to Heat Sink
––––
0.25
––––
––––
6.0
––––
g
––––
0.21
––––
(oz)
6.0
––––
12
Kg-cm
5.0
––––
10
lbf•in
Electrical Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
Thermal - Mechanical Characteristics
K/W
Wt
Weight
Mounting Torque
RthJC
Parameter
Min. Typ. Max. Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
600
–––
–––
V
IR = 100µA
–––
1.3
1.7
IF = 25A
–––
1.5
2.0
V
IF = 50A
–––
1.3
1.7
IF = 25A, TJ = 125°C
–––
1.5
20
VR = VR Rated
–––
600 2000
TJ = 125°C, VR = 0.8 x VR RatedD Rated
CT
Junction Capacitance
–––
55
100
pF
VR = 200V
Measured lead to lead 5mm from
package body
LS
Series Inductance
–––
12
–––
nH
See Fig. 3
See Fig. 2
See Fig. 1
VFM
Max Forward Voltage
µA
Max Reverse Leakage Current
IRM
!
0.063 in. from Case (1.6mm) for 10 sec
"$
Typical Socket Mount
#
Mounting Surface, Flat, Smooth and Greased
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min Typ Max Units
Test Conditions
trr
Reverse Recovery Time
–––
23
–––
IF = 1.0A, dif/dt = 200A/µs, VR = 30V
trr1
–––
50
75
ns
TJ = 25°C
trr2
–––
105
160
TJ = 125°C
IF = 25A
IRRM1
Peak Recovery Current
–––
4.5
10
TJ = 25°C
IRRM2
–––
8.0
15
TJ = 125°C
VR = 200V
Qrr1
Reverse Recovery Charge
–––
112
375
TJ = 25°C
Qrr2
–––
420 1200
TJ = 125°C
dif/dt = 200A/µs
di(rec)M/dt1
Peak Rate of Fall of Recovery Current
–––
250
–––
TJ = 25°C
di(rec)M/dt2
During tb
–––
160
–––
TJ = 125°C
A/µs
nC
A
See Fig. 5, 10
See Fig. 6
See Fig. 7
See Fig. 8


Similar Part No. - HFB50PA60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFB50PA60C VISHAY-HFB50PA60C Datasheet
207Kb / 7P
   HEXFRED® Ultrafast, Soft Recovery Diode, 2 x 25 A
Revision: 29-Jul-08
HFB50PA60CPBF VISHAY-HFB50PA60CPBF Datasheet
210Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 25-Jul-08
More results

Similar Description - HFB50PA60C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com