Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0731626161 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0731626161
Description  50 Ohms, 4.3-10 Plug, Right Angle, Wrench Tight, for 1/2 Super Flexible Coaxial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0731626161 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0731626161 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/27/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0731626161
Status:
Active
Overview:
4.3-10 RF Connector System and Cable Assemblies
Description:
50 Ohms, 4.3-10 Plug, Right Angle, Wrench Tight, for 1/2" Super Flexible Coaxial
Cable, One Piece Per Carton
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-89675-210-001 (PDF)
General
Product Family
RF/Coax Connectors
Series
73162
Overview
4.3-10 RF Connector System and Cable Assemblies
Product Name
4.3-10
Style
Cable
UPC
889056697675
Wire/Cable Type
1/2" Super Flex Coaxial
Physical
Cable Attachment
Solder
Gender
Plug
Keying to Mating Part
None
Net Weight
134.500/g
Orientation
Right Angle
PCB Mounting
N/A
Packaging Type
Carton
Panel Mount
No
Panel Mount Method
N/A
Electrical
Impedance
50Ω
Material Info
Reference - Drawing Numbers
Product Specification
PS-89675-210-001
Sales Drawing
SD-73162-616
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
73162 Series
This document was generated on 10/27/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0731626161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731626161 MOLEX-0731626161_V01 Datasheet
52Kb / 1P
   50 Ohms, 4.3-10 Plug, Right-Angle, Wrench Tight, for 1/2" Super Flexible Coaxial Cable, One Piece Per Carton
More results

Similar Description - 0731626161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731626151 MOLEX11-0731626151 Datasheet
44Kb / 1P
   50 Ohms, 4.3-10 Plug, Straight, Wrench Tight, for 1/2 Super Flexible Coaxial Cable
0731626181 MOLEX11-0731626181 Datasheet
42Kb / 1P
   50 Ohms, 4.3-10 Plug, Right Angle, Hand Tight, for 1/2 Super Flexible Coaxial Cable
0731626161 MOLEX-0731626161_V01 Datasheet
52Kb / 1P
   50 Ohms, 4.3-10 Plug, Right-Angle, Wrench Tight, for 1/2" Super Flexible Coaxial Cable, One Piece Per Carton
0731626151 MOLEX-0731626151_V01 Datasheet
43Kb / 1P
   50 Ohms, 4.3-10 Plug, Straight, Wrench Tight, for 1/2" Super Flexible Coaxial Cable, One Piece Per Carton
0731626171 MOLEX11-0731626171 Datasheet
46Kb / 1P
   50 Ohms, 4.3-10 Plug, Straight, Hand Tight, for 1/2 Super Flexible Coaxial Cable
0731626181 MOLEX-0731626181_V01 Datasheet
54Kb / 1P
   50 Ohms, 4.3-10 Plug, Right-Angle, Hand Tight, for 1/2" Super Flexible Coaxial Cable, One Piece Per Carton
0731626171 MOLEX-0731626171_V01 Datasheet
24Kb / 1P
   50 Ohms, 4.3-10 Plug, Straight, Hand Tight, for 1/2" Super Flexible Coaxial Cable, One Piece Per Carton
0731626671 MOLEX-0731626671 Datasheet
54Kb / 1P
   50 Ohms, 4.3-10 Plug, Right-Angle, Solder, for 3/8" Super Flexible Coaxial Cable, One Piece Per Carton
0732359083 MOLEX-0732359083 Datasheet
36Kb / 1P
   4.3-10 Straight Plug-to-4.3-10 Straight Plug with Boot and Overmold, 1/2" Flexible Coaxial Cable, 4.57m Length, 50 Ohms
08/27/2022
0732359080 MOLEX-0732359080 Datasheet
36Kb / 1P
   4.3-10 Straight Plug-to-4.3-10 Straight Plug with Boot and Overmold, 1/2" Flexible Coaxial Cable, 1.83m Length, 50 Ohms
08/27/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com