Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA15S1500A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # AA15S1500A
Description  15W Single, Dual, and Triple Output AC/DC Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AA15S1500A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  AA15S1500A Datasheet HTML 1Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 2Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 3Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 4Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 5Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS_AA15S/D/T_06172014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P3
Input Fuse
All Models
Built-in Fuse
2A / 250VAC
External Fuse (Recommended)
1.5A Slow – Blow Type
Environmental Specifications
Parameter
Conditions
Temperature Range (operational)
Ambient
-25
+70
Storage Temperature Range
-40
+85
Over Temperature Protection
at 90
℃ (automatic recovery at 67℃)
Cooling
Free-Air convection
Humidity (non condensing)
---
95 % rel. H
Power Derating Curve
Notes
1
All Specifications typical at Ta=+25
℃, resistive load, 115VAC, 60Hz input voltage and after warm-up time rated output current unless
otherwise noted.
2
Ripple & Noise measurement bandwidth is 0~20 MHz
3
These power modules require a minimum output loading to maintain specified regulation, operation under no-load conditions will not
damage the power supplies however they may not meet all listed specifications.
4
Other input and output voltage may be available, please contact us for custom solution
5
Specifications are subject to change anytime without notice


Similar Part No. - AA15S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15S1500A DELTA-AA15S1500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S1500A DELTA-AA15S1500A Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
More results

Similar Description - AA15S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15S DELTA-AA15S Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S0500A DELTA-AA15S0500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
logo
Chinfa Electronics Ind....
KAM15 CHINFA-KAM15_14 Datasheet
249Kb / 4P
   AC - DC POWER MODULE 13 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
AA30S0500A DELTA-AA30S0500A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S DELTA-AA30S Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S-D-T DELTA-AA30S-D-T Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
WRM-FWX-O ETA-USA-WRM-FWX-O Datasheet
777Kb / 3P
   15W AC/DC Dual Output
logo
MicroPower Direct, LLC
MPM-10IS MPD-MPM-10IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
logo
Delta Electronics, Inc.
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com