Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP150N-99S24J Datasheet(PDF) 1 Page - Artesyn Technologies

Part # TLP150N-99S24J
Description  Single Output 150 Watt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

TLP150N-99S24J Datasheet(HTML) 1 Page - Artesyn Technologies

  TLP150N-99S24J Datasheet HTML 1Page - Artesyn Technologies TLP150N-99S24J Datasheet HTML 2Page - Artesyn Technologies TLP150N-99S24J Datasheet HTML 3Page - Artesyn Technologies TLP150N-99S24J Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
TLP150 Medical Series
Single Output
Total Power: 150 Watt
Input Voltage: 85 - 264 Vac
# of Outputs: Single
SPECIAL FEATURES
ƒ
150 W on main channel with only
200 LFM
ƒ
Low profile fits 1U applications
ƒ
Active PFC and EN61000-3-2
compliant
ƒ
Integrated control and monitoring
features
ƒ
Overcurrent, overvoltage and
overtemperature protection
ƒ
Compliance to EN55022-B
conducted noise standard
ƒ
12 V fan output
ƒ
5 V standby output (optional)
ƒ
RoHS compliant
ƒ
Two year warranty
SAFETY
ƒ
TUV EN60601-1/IEC60601-1
ƒ
VDE CB Certificate and Report
ƒ
UL 60950-1
Electrical Specifications
Input
Input voltage range
Universal Input
85 - 264 Vac
Input frequency range
47 - 63 Hz
Input surge current
264 Vac (cold start)
40 A max.
Safety ground leakage
current
264 Vac, 50 Hz
150 μA
Input current
120 Vac @ 150 W
230 Vac @ 150 W
1.8 A rms
0.8 A rms
Input fuse:
UL/IEC127
T 3.15 A, 250 Vac
Output
Adjustment range
± 10%
Total regulation (line and
load)
Main output
Auxiliary outputs
Fan output
± 3%
± 5%
± 10%
Turn-on delay
@120 Vac Input
2.0 s max.
Transient response
Main output
25% to 75%
step at 0.5 A/µs
5%
max. dev., 1 ms max.
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
125%, ± 5%
Short circuit protection
Current limited
Continuous
Minimum output current
Singles
0 A
Fan voltage output
See Note 9
12 V @ 0.5 A
Standby output
See Note 9
5 V @ 1.0 A
Data Sheet


Similar Part No. - TLP150N-99S24J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
TLP150N-99S24J EMERSON-NETWORKPOWER-TLP150N-99S24J Datasheet
784Kb / 4P
   150 W on main channel with only 200 LFM
TLP150N-99S24J EMERSON-NETWORKPOWER-TLP150N-99S24J Datasheet
453Kb / 4P
   Single output
More results

Similar Description - TLP150N-99S24J

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACG150-S RECOM-RACG150-S Datasheet
449Kb / 4P
   150 Watt Single Output
RACD150 RECOM-RACD150 Datasheet
103Kb / 2P
   150 Watt Single Output
RACD150-PSE RECOM-RACD150-PSE Datasheet
100Kb / 2P
   150 Watt Single Output
RACD150-A RECOM-RACD150-A Datasheet
116Kb / 2P
   150 Watt Single Output
logo
Artesyn Technologies
LCB150E ARTESYN-LCB150E Datasheet
481Kb / 3P
   150 Watt Single Output Power Supply
logo
Recom International Pow...
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
   150 Watt Enclosed Case Style Single Output
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
   150 Watt Enclosed Case Style Single Output
logo
SL Power Electronics
GLD150 SLPOWER-GLD150 Datasheet
242Kb / 2P
   150 Watt Multiple Output
logo
Wall Industries,Inc.
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
   150 Watt Single Output AC/DC Power Supply
DCSD-150 WALL-DCSD-150 Datasheet
176Kb / 3P
   150 Watt Single Output Chassis Mount DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com