Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA15T051212A Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # AA15T051212A
Description  15W Single, Dual, and Triple Output AC/DC Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AA15T051212A Datasheet(HTML) 6 Page - Delta Electronics, Inc.

  AA15T051212A Datasheet HTML 1Page - Delta Electronics, Inc. AA15T051212A Datasheet HTML 2Page - Delta Electronics, Inc. AA15T051212A Datasheet HTML 3Page - Delta Electronics, Inc. AA15T051212A Datasheet HTML 4Page - Delta Electronics, Inc. AA15T051212A Datasheet HTML 5Page - Delta Electronics, Inc. AA15T051212A Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS_AA15S/D/T_06172014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P6
Part Numbering System
A
A
15
T
05
12
12
A
Product typ
Family series
Watt
Number of
Outputs
Output
Voltage I
Output
Voltage II
Output
Voltage III
Option Code
AC/DC Power
Module
Industrial
application
15 -15W
S - Single
05 - 5V
00 - not
applicable
12 - 12V
A - PCB Mount
D - Dual
12 - 12V
12 - 12V
15 - 15V
C - Chassis
Mount
T - Triple
15 - 15V
15 - 15V
D - Din Rail
Mount
24 - 24V
48 - 48V
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Phone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107
ext 6220~6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a three(3) years limited warranty. Complete warranty information is listed on our web site or is available upon request
from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor
for any infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice


Similar Part No. - AA15T051212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15T051212A DELTA-AA15T051212A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15T051212A DELTA-AA15T051212A Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
More results

Similar Description - AA15T051212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15S DELTA-AA15S Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S0500A DELTA-AA15S0500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
logo
Chinfa Electronics Ind....
KAM15 CHINFA-KAM15_14 Datasheet
249Kb / 4P
   AC - DC POWER MODULE 13 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
AA30S0500A DELTA-AA30S0500A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S DELTA-AA30S Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S-D-T DELTA-AA30S-D-T Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
WRM-FWX-O ETA-USA-WRM-FWX-O Datasheet
777Kb / 3P
   15W AC/DC Dual Output
logo
MicroPower Direct, LLC
MPM-10IS MPD-MPM-10IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
logo
Delta Electronics, Inc.
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com