Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNB040-24-1PM-C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # ADNB040-24-1PM-C
Description  The ADNB 96W series features a universal 88-264Vac input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ADNB040-24-1PM-C Datasheet(HTML) 2 Page - Artesyn Technologies

  ADNB040-24-1PM-C Datasheet HTML 1Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 2Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 3Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 4Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 5Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 6Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 7Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 8Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Technical Reference Note
Technical Reference Note
Artesyn Embedded Technologies
Rev.04.19.16_#1.1
ADNB 96W Series
Page 2
Model Numbers
Options
None
Model
Output Voltage
Minimum Load
Maximum Load
Efficiency
1
ADNB075-12-1PM-C
12Vdc
0A
7.5A
87%
ADNB064-15-1PM-C
15Vdc
0A
6.4A
87%
ADNB040-24-1PM-C
24Vdc
0A
4.0A
88%
ADNB020-48-1PM-C
48Vdc
0A
2.0A
87%
Note 1 - Typical value at nominal input voltage(230Vac) and maximum load.


Similar Part No. - ADNB040-24-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB040-15-1PM-C ARTESYN-ADNB040-15-1PM-C Datasheet
2Mb / 21P
   The ADNB 60W series features a universal 88-264Vac input
More results

Similar Description - ADNB040-24-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB050-12-1PM-C ARTESYN-ADNB050-12-1PM-C Datasheet
2Mb / 21P
   The ADNB 60W series features a universal 88-264Vac input
ADNB034-12-1PM-C ARTESYN-ADNB034-12-1PM-C Datasheet
3Mb / 21P
   The ADNB 40W series features a universal 88-264Vac input
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
   Universal Input 90-264VAC
RAC04-C230 RECOM-RAC04-C230 Datasheet
90Kb / 3P
   Universal Input 80-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
   Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
   Universal Input 90-264VAC
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
   Universal AC Input 90-264Vac
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com