Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1175A4806K01 Datasheet(PDF) 5 Page - SL Power Electronics

Part # MINT1175A4806K01
Description  the highest power density for a power supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1175A4806K01 Datasheet(HTML) 5 Page - SL Power Electronics

  MINT1175A4806K01 Datasheet HTML 1Page - SL Power Electronics MINT1175A4806K01 Datasheet HTML 2Page - SL Power Electronics MINT1175A4806K01 Datasheet HTML 3Page - SL Power Electronics MINT1175A4806K01 Datasheet HTML 4Page - SL Power Electronics MINT1175A4806K01 Datasheet HTML 5Page - SL Power Electronics MINT1175A4806K01 Datasheet HTML 6Page - SL Power Electronics MINT1175A4806K01 Datasheet HTML 7Page - SL Power Electronics MINT1175A4806K01 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MINT1175
175W Single Output
Medical Series
www.slpower.com
MINT1175 REV 1.4, 5-AUG -15
5
Isolation Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Input/Ground
Input/Output
Output/Ground
1 MOPP
2 MOPP
Operational
Electric Strength Test Voltage
Input/Ground
Input/Output
Output/Ground
1800
4000
1500
-
-
Vac
Vac
Vac
Input Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage
90
115/230
264
Vac
Turn-On Input Voltage
Ramping up
82.7
Vac
Turn-Off Input Voltage
Ramping down
67.0
Vac
Input Frequency
47
50/60
63
Hz
Inrush Current Limitation
264Vac, cold start
-
-
50
A
Power Factor
Vi nom, Io nom
0.9
-
-
Efficiency
Vi nom, Io nom
MINT1175A1206K01
MINT1175A1506K01
MINT1175A2406K01
MINT1175A4806K01
MINT1175A5606K01
-
90%
-
%
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Setpoint Accuracy
MINT1175A1206K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
MINT1175A1506K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
MINT1175A2406K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
MINT1175A4806K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
MINT1175A5606K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Current V1
Output Current V2
MINT1175A1206K01
0
0
10.0
-
14.6
0.4
ADC
ADC
Output Current V1
Output Current V2
MINT1175A1506K01
0
0
8.0
-
11.7
0.4
ADC
ADC
Output Current V1
Output Current V2
MINT1175A2406K01
0
0
5.0
-
7.3
0.4
ADC
ADC
Output Current V1
Output Current V2
MINT1175A4806K01
0
0
2.5
-
3.6
0.4
ADC
ADC
Output Current V1
Output Current V2
MINT1175A5606K01
0
0
2.1
-
3.1
0.4
ADC
ADC
Static Line Regulation V1
Vi min-Vi max, Vi nom, 0-100% Io nom
-1
-
1
% Vo nom
Static Load Regulation V1
(Droop Characteristic)
Vi min-Vi max, Vi nom, 0-100% Io nom
-3
-
3
% Vo nom


Similar Part No. - MINT1175A4806K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175 Datasheet
1Mb / 8P
   175W Single Output Medical Series
More results

Similar Description - MINT1175A4806K01

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MJW25 TOTAL-POWER-MJW25 Datasheet
539Kb / 10P
   Highest Power Density
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
SL Power Electronics
MINT1150 SLPOWER-MINT1150 Datasheet
613Kb / 8P
   The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com