Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CENB1150 Datasheet(PDF) 2 Page - SL Power Electronics

Part # CENB1150
Description  Industrial/ITE Switch-Mode Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CENB1150 Datasheet(HTML) 2 Page - SL Power Electronics

  CENB1150_15 Datasheet HTML 1Page - SL Power Electronics CENB1150_15 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________ 2 of 2
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Model Number Key
12 51
CENB
01
1 150 A
F
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"12" = 12Vdc, "15" = 15Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded. Other options available, see below .
Output Connector:
"51" = Molex 39-01-2060.
Other options available.
Model
A = Original Configuration
Product Fam ily:
"C" = Com m ercial/Industrial/ITE, "E" = External, "NB" = Model Series Designator
Output Pow er:
"150" = 150 Watts
# of Outputs
"1" = Single Output
Connector Information
Input Connector Options
DC Output Connector
Output Connector Options
Pinout
Mating Connector
Class I (grounded) Inlet:
“F” = IEC60320 C14
Class II (ungrounded) Inlets:
“N” = IEC60320 C8
“Q” = IEC60320 C18
“51” = 6 pin, Molex 39-01-2060 or equiv. Pins 1,4: +Vout
Pins 3,6: -Vout
Pins 2,4: NC
Molex 39-01-3063
or equiv.
Data Sheet © 2015 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 6-19-15
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
CENB1150A1251F01
12 V
12.5 A
150 W
120mV
CENB1150A1551F01
15 V
10.0 A
150 W
150mV
CENB1150A1851F01
18 V
8.3 A
150 W
180mV
CENB1150A2451F01
24V
6.25 A
150 W
240mV
Outline Drawing
CENB1150
Universal Input 150 Watt Series
Industrial/ITE Switch-Mode Power Supply
3 Year Warranty
“F” Inlet shown.
Other options
available, see above.


Similar Part No. - CENB1150_15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CENB1150A1551F01 SLPOWER-CENB1150A1551F01 Datasheet
205Kb / 2P
   Industrial/ITE Switch-Mode Power Supply
More results

Similar Description - CENB1150_15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CENB1150 SLPOWER-CENB1150 Datasheet
205Kb / 2P
   Industrial/ITE Switch-Mode Power Supply
CENB1030 SLPOWER-CENB1030_14 Datasheet
266Kb / 2P
   ITE Switch-Mode Power Supply
CENB1090 SLPOWER-CENB1090 Datasheet
239Kb / 2P
   ITE Switch-Mode Power Supply
PW156 SLPOWER-PW156 Datasheet
238Kb / 2P
   ITE / Switch Mode Power Supply
CENB1121 SLPOWER-CENB1121 Datasheet
254Kb / 2P
   ITE Switch-Mode Power Supply
CENB1121 SLPOWER-CENB1121_13 Datasheet
194Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100_15 Datasheet
260Kb / 2P
   ITE Switch-Mode Power Supply
CENB1080 SLPOWER-CENB1080_15 Datasheet
281Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100 Datasheet
241Kb / 2P
   ITE Switch-Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com