Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CENB1010A1503F01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # CENB1010A1503F01
Description  ITE Switch-Mode Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CENB1010A1503F01 Datasheet(HTML) 2 Page - SL Power Electronics

  CENB1010A1503F01 Datasheet HTML 1Page - SL Power Electronics CENB1010A1503F01 Datasheet HTML 2Page - SL Power Electronics CENB1010A1503F01 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
________________________________________________________________________________________________________________________________ 2 of 3
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Model Number Key
VV 03
CENB
01
1 010 A
F
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"05" = 5Vdc, "12" = 12Vdc, "24" = 24Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded, Other options available, see below
Output Connector:
"03" = 2.5m m Barrel Type Connector. Other options available, contact factory.
Model
"A" = Original Configuration
Product Fam ily:
"C" = Com m ercial/ITE/Industrial, "E" = External, "NB" = Model Series Designator
Output Pow er:
"010" = 10 Watts
# of Outputs
"1" = Single Output
IEC320 - C14
IEC320 - C18
IEC320 - C8
N. Am erica
N. Am erica
Europe
United
Australia
Class I
Class II
Class II
Japan
Japan
Kingdom
Grounded
Ungro unded
"Shaver"
Int e rc ha nga ble
Fixed
Fixed
Fixed
Fixed
(F)
(Q)
(N)
(B)
(C)
(M)
(G)
(H)
Notes:
Notes:
1. Ault #3 Connector, center contact (+).
2. Connector is Sw itchcraft 760 plug or equivalent.
Mating connector is Sw itchcraft 712A or equivalent.
3. Other connector options are available. Contact your local
SL Pow er Representative for details.
Output Connector
the receptacle chosen. The N. A. blade version (B) w ill be an interchangeable blade.
3. Blade Kit is available w hich w ill include one each of a EU, UK, and Australian blade. Kit part #
2. For Wall-Plug options, choose the applicable letter above and the unit w ill be fitted w ith
is KT1027K. These can be used w ith the (B) version, to allow blades to be changed.
The other options (C), (M), (G), and (H) w ill be fixed blades m olded in the case.
AC Input Receptacle Options
Desktop
1. For desktop options, choose applicable letter above.
Wall-Plug
Desktop Style
Wall-Plug Style (Option “B” Shown)
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
CENB1010A0503F01
5 V
2.00 A
10.0 W
50 mV
CENB1010A0603F01
6 V
2.00 A
12.0 W
60 mV
CENB1010A0703F01
7.5 V
1.60 A
12.0 W
75 mV
CENB1010A0903F01
9 V
1.10 A
10.0 W
90 mV
CENB1010A1203F01
12 V
1.00 A
12.0 W
120 mV
CENB1010A1503F01
15 V
0.80 A
12.0 W
150 mV
CENB1010A1603F01
16 V
0.75 A
12.0 W
160 mV
CENB1010A1803F01
18 V
0.67 A
12.0 W
180 mV
CENB1010A2403F01
24 V
0.50 A
12.0 W
240 mV
CENB1010A4803F01
48 V
0.25 A
12.0 W
480 mV
Notes: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options.
Outline Drawings
CENB1010
Universal 10 Watt Series
ITE Switch-Mode Power Supply
3 Year Warranty


Similar Part No. - CENB1010A1503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CENB1010 SLPOWER-CENB1010 Datasheet
414Kb / 3P
   ITE Switch-Mode Power Supply
More results

Similar Description - CENB1010A1503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CENB1030 SLPOWER-CENB1030_14 Datasheet
266Kb / 2P
   ITE Switch-Mode Power Supply
CENB1090 SLPOWER-CENB1090 Datasheet
239Kb / 2P
   ITE Switch-Mode Power Supply
PW156 SLPOWER-PW156 Datasheet
238Kb / 2P
   ITE / Switch Mode Power Supply
CENB1121 SLPOWER-CENB1121 Datasheet
254Kb / 2P
   ITE Switch-Mode Power Supply
CENB1121 SLPOWER-CENB1121_13 Datasheet
194Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100_15 Datasheet
260Kb / 2P
   ITE Switch-Mode Power Supply
CENB1080 SLPOWER-CENB1080_15 Datasheet
281Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100 Datasheet
241Kb / 2P
   ITE Switch-Mode Power Supply
CENB1020 SLPOWER-CENB1020 Datasheet
411Kb / 2P
   ITE Switch-Mode Power Supply
CENB1080 SLPOWER-CENB1080 Datasheet
239Kb / 2P
   ITE Switch-Mode Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com