Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10ELT24DTR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10ELT24DTR2G
Description  5V TTL to Differential ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT24DTR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC10ELT24DTR2G Datasheet HTML 1Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 2Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 3Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 4Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 5Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 6Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 7Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10ELT24, MC100ELT24
www.onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
GND = 0 V
VEE = −5.0 V
7
V
VEE
Negative Power Supply
GND = 0 V
VCC = +5.0 V
−8
V
VIN
Input Voltage
GND = 0 V
VI v VCC
0 to VCC
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
SO−8
SO−8
190
130
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SO−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP−8
TSSOP−8
185
140
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−8
41 to 44
$5%
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
DFN8
DFN8
129
84
°C/W
°C/W
Tsol
Wave Solder
Pb−Free
<2 to 3 sec @ 260
°C
265
°C
qJC
Thermal Resistance (Junction−to−Case)
(Note 2)
DFN8
35 to 40
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. JEDEC standard multilayer board − 2S2P (2 signal, 2 power)
Table 4. 10ELT SERIES NECL OUTPUT DC CHARACTERISTICS VCC = 5.0 V; VEE = −5.0 V; GND = 0 V (Note 3)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
VCC Power Supply Current
7.0
4.5
7.0
7.0
mA
IEE
Power Supply Current
18
12.5
18
18
mA
VOH
Output HIGH Voltage (Note 4)
−1080
−990
−890
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 4)
−1950
−1800
−1650
−1950
−1790
−1630
−1950
−1773
−1595
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
3. Output parameters vary 1:1 with GND. VCC can vary 4.5 V / 5.5 V. VEE can vary −4.2 V / −5.5 V.
4. Outputs are terminated through a 50
W resistor to GND − 2 V.
Table 5. 100ELT SERIES NECL OUTPUT DC CHARACTERISTICS VCC = 5.0 V; VEE = −5.0 V; GND = 0 V (Note 5)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
VCC Power Supply Current
7.0
4.5
7.0
7.0
mA
IEE
Power Supply Current
18
12.5
18
18
mA
VOH
Output HIGH Voltage (Note 6)
−1085
−1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 6)
−1830
−1695
−1555
−1810
−1705
−1620
−1810
−1705
−1620
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
5. Output parameters vary 1:1 with GND. VCC can vary 4.5 V / 5.5 V. VEE can vary −4.2 V / −5.5 V.
6. Outputs are terminated through a 50
W resistor to GND − 2 V.


Similar Part No. - MC10ELT24DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT24DTR2G ONSEMI-MC10ELT24DTR2G Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT24DTR2G ONSEMI-MC10ELT24DTR2G Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
More results

Similar Description - MC10ELT24DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com