Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP05DTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP05DTG
Description  ECL 2?륤nput Differential AND/NAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP05DTG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP05DTG Datasheet HTML 1Page - ON Semiconductor MC10EP05DTG Datasheet HTML 2Page - ON Semiconductor MC10EP05DTG Datasheet HTML 3Page - ON Semiconductor MC10EP05DTG Datasheet HTML 4Page - ON Semiconductor MC10EP05DTG Datasheet HTML 5Page - ON Semiconductor MC10EP05DTG Datasheet HTML 6Page - ON Semiconductor MC10EP05DTG Datasheet HTML 7Page - ON Semiconductor MC10EP05DTG Datasheet HTML 8Page - ON Semiconductor MC10EP05DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 10
1
Publication Order Number:
MC10EP05/D
MC10EP05, MC100EP05
3.3V / 5V ECL 2‐Input
Differential AND/NAND
Description
The MC10/100EP05 is a 2-input differential AND/NAND gate. The
device is functionally equivalent to the EL05 and LVEL05 devices.
With AC performance much faster than the LVEL05 device, the EP05
is ideal for applications requiring the fastest AC performance
available.
The 100 Series contains temperature compensation.
Features
220 ps Typical Propagation Delay
Maximum Frequency > 3 GHz Typical
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at VEE
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
H
= MC10
K
= MC100
5I
= MC10
2X
= MC100
D
= Date Code
MARKING DIAGRAMS*
ALYWG
G
HP05
ALYWG
G
KP05
1
8
1
8
www.onsemi.com
HEP05
ALYWG
G
1
8
KEP05
ALYWG
G
1
8
14
14
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information on page 8 of
this data sheet.
ORDERING INFORMATION
SOIC−8NB
D SUFFIX
CASE
751−07
TSSOP−8
DT SUFFIX
CASE
948R−02
1
8
1
8
DFN−8
MN SUFFIX
CASE 506AA


Similar Part No. - MC10EP05DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP05DTG ONSEMI-MC10EP05DTG Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
More results

Similar Description - MC10EP05DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05_16 Datasheet
169Kb / 8P
   5V ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 7
MC100LVEL05 ONSEMI-MC100LVEL05_16 Datasheet
169Kb / 6P
   3.3V ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 5
MC10EL04 ONSEMI-MC10EL04_16 Datasheet
158Kb / 7P
   5V ECL 2?륤nput AND/NAND
July, 2016 ??Rev. 7
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
MC100LVEP05 ONSEMI-MC100LVEP05 Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com