Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP31DTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP31DTR2G
Description  ECL D Flip?륡lop with Set and Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP31DTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP31DTR2G Datasheet HTML 1Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 2Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 3Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 4Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 5Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 6Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 7Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 8Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 11
1
Publication Order Number:
MC10EP31/D
MC10EP31, MC100EP31
3.3V / 5V ECL D Flip‐Flop
with Set and Reset
Description
The MC10/100EP31 is a D flip-flop with set and reset. The device is
pin and functionally equivalent to the EL31 and LVEL31 devices.
With AC performance much faster than the EL31 and LVEL31
devices, the EP31 is ideal for applications requiring the fastest AC
performance available. Both set and reset inputs are asynchronous,
level triggered signals. Data enters the master portion of the flip-flop
when CLK is low and is transferred to the slave, and thus the outputs,
upon a positive transition of the CLK.
The 100 Series contains temperature compensation.
Features
340 ps Typical Propagation Delay
Maximum Frequency = > 3 GHz Typical
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
Q Output Will Default LOW with Inputs Open or at VEE
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
SOIC−8 NB
D SUFFIX
CASE 751−07
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R−02
ALYWG
G
HP31
ALYWG
G
KP31
1
8
1
8
1
8
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
1
8
HEP31
ALYW
G
1
8
KEP31
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
(Note: Microdot may be in either location)
SOIC−8 NB
TSSOP−8
DFN8
14
14
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
H
= MC10
K
= MC100
5O = MC10
3J
= MC100
M
= Date Code


Similar Part No. - MC10EP31DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP31DTR2G ONSEMI-MC10EP31DTR2G Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
More results

Similar Description - MC10EP31DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30_16 Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
MC100LVEL31 ONSEMI-MC100LVEL31_16 Datasheet
152Kb / 6P
   3.3 V ECL D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 5
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL31 ETC-AZ10EL31 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
Arizona Microtek, Inc
AZ10EL31 AZM-AZ10EL31 Datasheet
77Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
MC10EL31 ONSEMI-MC10EL31_06 Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com