Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP90 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EP90
Description  Triple ECL Input to LVPECL/PECL Output Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP90 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP90_14 Datasheet HTML 1Page - ON Semiconductor MC10EP90_14 Datasheet HTML 2Page - ON Semiconductor MC10EP90_14 Datasheet HTML 3Page - ON Semiconductor MC10EP90_14 Datasheet HTML 4Page - ON Semiconductor MC10EP90_14 Datasheet HTML 5Page - ON Semiconductor MC10EP90_14 Datasheet HTML 6Page - ON Semiconductor MC10EP90_14 Datasheet HTML 7Page - ON Semiconductor MC10EP90_14 Datasheet HTML 8Page - ON Semiconductor MC10EP90_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10EP90, MC100EP90
http://onsemi.com
2
D1
D0
D2
VBB
17
18
16
15
14
13
12
4
3
56
78
9
Q0
11
10
GND
Q1
GND
Q2
Q2
VCC
D0
19
20
2
1
VCC
Q0
D1
VCC
VBB
VEE
D2
Q1
LVPECL/
PECL
ECL
LVPECL/
PECL
ECL
LVPECL/
PECL
ECL
Table 1. PIN DESCRIPTION
PIN
Q(0:2), Q(0:2)
D(0:2)*, D(0:2)* Differential LVECL or ECL Inputs
FUNCTION
Differential LVPECL or PECL Outputs
VCC
GND
Ground
Positive Supply
VEE
VBB
Output Reference Supply
Negative Supply
−5V ECL to 5V PECL
−5V ECL to 3.3V PECL
−3.3V ECL to 5V PECL
−3.3V ECL to 3.3V PECL
Table 2. FUNCTION TABLE
5 V
3.3 V
5 V
3.3 V
0 V
0 V
0 V
0 V
−5 V
−5 V
−3.3 V
−3.3 V
Function
VCC
VEE
GND
Warning: All VCC, VEE and GND pins must be externally connected to
Power Supply to guarantee proper operation.
Figure 1. TSSOP−20 (Top View) and Logic Diagram
* Pins will default LOW when left open.
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
TSSOP−20
Level 1
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
350 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, refer to Application Note AND8003/D.


Similar Part No. - MC10EP90_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP90D ONSEMI-MC10EP90D Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC10EP90DT ONSEMI-MC10EP90DT Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC10EP90DTG ONSEMI-MC10EP90DTG Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC10EP90DTR2 ONSEMI-MC10EP90DTR2 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC10EP90DTR2G ONSEMI-MC10EP90DTR2G Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
More results

Similar Description - MC10EP90_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
80Kb / 4P
   Triple PECL to ECL Translator?
1997 REV 1
logo
Micrel Semiconductor
SY100EL91 MICREL-SY100EL91_06 Datasheet
57Kb / 5P
   TRIPLE PECL-TO-ECL TRANSLATOR
logo
ON Semiconductor
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com