Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP445 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EP445
Description  ECL 8-Bit Serial/Parallel Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP445 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP445 Datasheet HTML 1Page - ON Semiconductor MC10EP445 Datasheet HTML 2Page - ON Semiconductor MC10EP445 Datasheet HTML 3Page - ON Semiconductor MC10EP445 Datasheet HTML 4Page - ON Semiconductor MC10EP445 Datasheet HTML 5Page - ON Semiconductor MC10EP445 Datasheet HTML 6Page - ON Semiconductor MC10EP445 Datasheet HTML 7Page - ON Semiconductor MC10EP445 Datasheet HTML 8Page - ON Semiconductor MC10EP445 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MC10EP445, MC100EP445
http://onsemi.com
2
Q7
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
MC10EP445
MC100EP445
Q6
Q5 VCC VCC
Q4 Q3 VEE
VCC SINA SINA VBB0 VEE SINB SINB SINSEL
VCC
CKSEL
VBB1
CLK
CLK
CKEN
RESET
VCC
Q2
Q1
VCC
Q0
PCLK
VCC
PCLK
Figure 1. 32−Lead LQFP Pinout (Top View)
SYNC
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
Figure 2. 32−Lead QFN Pinout (Top View)
MC10EP445
MC100EP445
Q7
Q6
Q5 VCC VCC
Q4 Q3 VEE
VCC SINA SINA VBB0 VEE SINB SINB SINSEL
VCC
CKSEL
VBB1
CLK
CLK
CKEN
RESET
VCC
Q2
Q1
VCC
Q0
PCLK
VCC
PCLK
SYNC
Table 1. PIN DESCRIPTION
Pin
SINA*, SINA*
Function
ECL Differential Serial Data Input A
SINSEL*
Q0−Q7
ECL Parallel Data Outputs
ECL Serial Input Selector Pin
CLK*, CLK*
ECL Differential Clock Inputs
PCLK, PCLK
ECL Differential Parallel Clock Output
SYNC*
ECL Conversion Synchronizing Input
CKSEL*
ECL Clock Input Selector Pin
VBB0, VBB1
Output Reference Voltage
VCC
Positive Supply
VEE
Negative Supply
SINB*, SINB*
ECL Differential Serial Data Input B
CKEN*
ECL Clock Enable Pin
RESET*
ECL Reset Pin
* Pins will default logic LOW or differential logic LOW
when left open.
EP
The exposed pad (EP) on the QFN−32
package bottom is thermally connected
to the die for improved heat transfer out
of the package. THe exposed pad must
be attached to a heat−sinking conduit.
The pad is electrically connected to
VEE.
Exposed Pad
(EP)


Similar Part No. - MC10EP445

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP445 ONSEMI-MC10EP445 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FA ONSEMI-MC10EP445FA Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445FA ONSEMI-MC10EP445FA Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAG ONSEMI-MC10EP445FAG Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAR2 ONSEMI-MC10EP445FAR2 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
More results

Similar Description - MC10EP445

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com