Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H101 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H101
Description  Quad OR/NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H101 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H101_16 Datasheet HTML 1Page - ON Semiconductor MC10H101_16 Datasheet HTML 2Page - ON Semiconductor MC10H101_16 Datasheet HTML 3Page - ON Semiconductor MC10H101_16 Datasheet HTML 4Page - ON Semiconductor MC10H101_16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H101
www.onsemi.com
3
Table 3. AC PARAMETERS
Symbol
Characteristic
25°
75°
Unit
Min
Max
Min
Max
Min
Max
tpd
Propagation Delay
Pin 12 Only
Exclude Pin 12
0.5
0.5
1.6
1.45
0.5
0.5
1.6
1.5
0.5
0.5
1.7
1.6
ns
tr
Rise Time
0.5
2.1
0.5
2.2
0.5
2.3
ns
tf
Fall Time
0.5
2.1
0.5
2.2
0.5
2.3
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H101_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H101FN ONSEMI-MC10H101FN Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10H101FNG ONSEMI-MC10H101FNG Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10H101FNR2 ONSEMI-MC10H101FNR2 Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10H101FNR2G ONSEMI-MC10H101FNR2G Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10H101L ONSEMI-MC10H101L Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
More results

Similar Description - MC10H101_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10101 ONSEMI-MC10101 Datasheet
100Kb / 5P
   Quad OR/NOR Gate
1996 REV 5
MC10H101 ONSEMI-MC10H101 Datasheet
93Kb / 3P
   Quad OR/NOR Gate
REV 5
MC10H101 ONSEMI-MC10H101_06 Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10101 ONSEMI-MC10101_02 Datasheet
107Kb / 8P
   Quad OR/NOR Gate
January, 2002 ??Rev. 7
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101_06 Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY10E101 MICREL-SY10E101 Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
logo
Motorola, Inc
MC10E101 MOTOROLA-MC10E101 Datasheet
98Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
ON Semiconductor
MC10E101 ONSEMI-MC10E101 Datasheet
69Kb / 8P
   5V ECL Quad 4짯Input OR/NOR Gate
November, 2003 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com