Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H101 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10H101
Description  Quad OR/NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H101 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H101 Datasheet HTML 1Page - ON Semiconductor MC10H101 Datasheet HTML 2Page - ON Semiconductor MC10H101 Datasheet HTML 3Page - ON Semiconductor MC10H101 Datasheet HTML 4Page - ON Semiconductor MC10H101 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H101
www.onsemi.com
2
Figure 1. Logic Diagram
Figure 2. Pin Assignment
VCC1
Aout
Bout
Ain
Aout
Bout
Bin
VEE
VCC2
Dout
Cout
Din
Common
Input
Cout
Cin
Dout
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
12
9
13
10
7
4
15
11
14
6
3
5
2
Pin assignment is for Dual-in-Line Package.
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range
Plastic
Ceramic
−55 to +150
−55 to +165
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
Symbol
Characteristic
25°
75°
Unit
Min
Max
Min
Max
Min
Max
IE
Power Supply Current
29
26
29
mA
IinH
Input Current High
(Pin 12 only)
425
850
265
535
265
535
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V.


Similar Part No. - MC10H101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H101 ONSEMI-MC10H101 Datasheet
93Kb / 3P
   Quad OR/NOR Gate
REV 5
MC10H101 ONSEMI-MC10H101 Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10H101FN ONSEMI-MC10H101FN Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10H101FNG ONSEMI-MC10H101FNG Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10H101FNR2 ONSEMI-MC10H101FNR2 Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
More results

Similar Description - MC10H101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10101 ONSEMI-MC10101 Datasheet
100Kb / 5P
   Quad OR/NOR Gate
1996 REV 5
MC10H101 ONSEMI-MC10H101 Datasheet
93Kb / 3P
   Quad OR/NOR Gate
REV 5
MC10H101 ONSEMI-MC10H101_06 Datasheet
150Kb / 6P
   Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10101 ONSEMI-MC10101_02 Datasheet
107Kb / 8P
   Quad OR/NOR Gate
January, 2002 ??Rev. 7
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101_06 Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY10E101 MICREL-SY10E101 Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
logo
Motorola, Inc
MC10E101 MOTOROLA-MC10E101 Datasheet
98Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
ON Semiconductor
MC10E101 ONSEMI-MC10E101 Datasheet
69Kb / 8P
   5V ECL Quad 4짯Input OR/NOR Gate
November, 2003 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com