Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EPT20MNR4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EPT20MNR4G
Description  LVTTL/LVCMOS to Differential LVPECL Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT20MNR4G Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EPT20MNR4G Datasheet HTML 1Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 2Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 3Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 4Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 5Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 6Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 7Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 8Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC10EPT20, MC100EPT20
www.onsemi.com
5
Table 6. 100EPT PECL OUTPUT DC CHARACTERISTICS (VCC = 3.3 V, GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
Positive Power Supply Current
20
25
30
22
27
32
23
28
33
mA
VOH
Output HIGH Voltage (Note 2)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 2)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Output parameters vary 1:1 with VCC.
2. All loading with 50 W to VCC − 2.0 V.
Table 7. AC CHARACTERISTICS (VCC = 3.0 V to 3.6 V, GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Input Clock Frequency
> 1
> 1
> 1
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
280
350
430
300
370
450
320
400
490
ps
tSKEW
Device-to-Device Skew (Note 2)
150
150
170
ps
tJITTER
RMS Random Clock Jitter
1
2
1
2
1
2
ps
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
70
100
170
80
120
180
90
140
190
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Measured using a LVTTL source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
2. Skew is measured between outputs under identical transitions.


Similar Part No. - MC100EPT20MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT20MNR4G ONSEMI-MC100EPT20MNR4G Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
More results

Similar Description - MC100EPT20MNR4G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com