Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H107 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H107
Description  Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H107 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H107 Datasheet HTML 1Page - ON Semiconductor MC10H107 Datasheet HTML 2Page - ON Semiconductor MC10H107 Datasheet HTML 3Page - ON Semiconductor MC10H107 Datasheet HTML 4Page - ON Semiconductor MC10H107 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 8
1
Publication Order Number:
MC10H107/D
MC10H107
Triple 2‐Input Exclusive
OR/Exclusive NOR Gate
Description
The MC10H107 is a triple 2-input exclusive OR/NOR gate. This
MECL 10H
™ part is a functional/pinout duplication of the standard
MECL 10K
™ family part, with 100% improvement in propagation
delay, and no increase in power-supply current.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation 35 mW/Gate Typical (same as MECL 10K)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
www.onsemi.com
16
1
MC10H107P
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb-Free Package
10H107G
AWLYYWW
120
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648−08
16
1
PLLC−20
FN SUFFIX
CASE 775−02
20 1
*For additional marking information, refer to
Application Note AND8002/D.
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10H107FNR2G
PLCC−20
(Pb-Free)
500/Tape & Reel
MC10H107PG
PDIP−16
(Pb-Free)
25 Units/Tube


Similar Part No. - MC10H107

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10H107 ONSEMI-MC10H107 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
MC10H107FN ONSEMI-MC10H107FN Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
MC10H107FNG ONSEMI-MC10H107FNG Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
MC10H107FNR2 ONSEMI-MC10H107FNR2 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
More results

Similar Description - MC10H107

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10H107 ONSEMI-MC10H107_06 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
MC10107 ONSEMI-MC10107_02 Datasheet
108Kb / 8P
   Triple 2-Input Exclusive OR/ Exclusive NOR Gate
January, 2002 ??Rev. 7
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC1674 MOTOROLA-MC1674 Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
logo
Hitachi Semiconductor
HD14070B HITACHI-HD14070B Datasheet
65Kb / 6P
   Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micrel Semiconductor
SY100S307 MICREL-SY100S307_10 Datasheet
387Kb / 4P
   QUINT EXCLUSIVE OR/NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com