Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA1 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # BA1
Description  0.8mm Pitch Board-to-Board Factory Automation Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

BA1 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  BA1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. BA1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. BA1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. BA1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/4
MB-0218-1
November 2010
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Features
BA1 Series
0.8mm Pitch Board-to-Board
Factory Automation Connector
Robust with mating guide structure ideal for rack and panel mounting.
Non-pin type connector shape strong against twist during mating.
Superior contact reliability with two-point contact structure.
Terminal area compatible with SMT mounting, vertical connection with board.
Grounded structure with EMI countermeasure.
The BA1 Series is a 0.8mm pitch board-to-board connector which answers the demand
for robustness and contact reliability for various factory automation devices such as
CNC, servo amplifier, PLC and measuring devices.
Socket Side
Pin Side
RoHS Compliant
No. of Contacts: 120 pos.
Contact Resistance:
40mΩ max. (initial)
Dielectric Withstanding Voltage:
500V AC r.m.s per minuet (initial)
Rated Current: 0.5A per terminal
Insulation Resistance:
100MΩ ohm min. (initial)
Operating Temperature:
-70 Deg. C to 70 Deg. C
General Specifications


Similar Part No. - BA1

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
BA1-B0-34-610-121 CARLINGTECH-BA1-B0-34-610-121 Datasheet
3Mb / 18P
   CIRUIT BREAKER
logo
List of Unclassifed Man...
BA101 ETC-BA101 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA102 ETC-BA102 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA103 ETC-BA103 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Rohm
BA10324 ROHM-BA10324 Datasheet
61Kb / 5P
   Quad ground sense operational
More results

Similar Description - BA1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Tyco Electronics
1-316739-4 MACOM-1-316739-4 Datasheet
44Kb / 1P
   ON TAPING EMBOSS CAP ASSEMBLY H-TYPE 0.8MM PITCH BOARD TO BOARD CONNECTOR
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com