Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2CP2FF01 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # CP2CP2FF01
Description  Board-to-Board Floating Coaxial Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CP2CP2FF01 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  CP2CP2FF01 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CP2CP2FF01 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CP2CP2FF01 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MB-0239-1
3/3
JAE PMK Div. Proprietary. Copyright © 2011, Japan Aviation Electronics Industry, Ltd.
Notice: Products shown in this brochure are made
for the applications listed below. However, if the
above-mentioned products are to be used in aerospace
devices, marine cable-connection devices, atomic
power control systems, medical equipment for life-
support systems, or any other specific application
requiring extremely high reliability, please contact
JAE for further information.
Recommended applications: Computers, Office
machines, Measuring devices, Telecommunication
devices (Terminals, Mobile devices), AV devices,
Household applications, FA devices, etc.
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
Dimensions
CP2M001D00
CP2M002D00
CP2CP2FF01
Board Pattern Layout (for reference)
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.


Similar Part No. - CP2CP2FF01

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CP2 RALTRON-CP2 Datasheet
364Kb / 1P
   CLOCK
logo
Laird Tech Smart Techno...
CP2 LSTD-CP2 Datasheet
444Kb / 2P
   Precise Temperature Control
CP2-127-06 LSTD-CP2-127-06 Datasheet
214Kb / 2P
   Reliable solid state operation
logo
CUI INC
CP20 CUI-CP20 Datasheet
289Kb / 5P
   2.0 A PELTIER MODULE
CP20-M CUI-CP20-M Datasheet
781Kb / 5P
   PELTIER MODULE
07/08/2020
More results

Similar Description - CP2CP2FF01

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
Hirose Electric
FX26 HIROSE-FX26 Datasheet
661Kb / 12P
   140℃ Heat and Vibration Resistant Board-to-Board Floating Connector
logo
DDK Ltd.
PML DDK-PML Datasheet
947Kb / 3P
   Floating Coaxial Connector
PML-PP2-85-SO-CF DDK-PML-PP2-85-SO-CF Datasheet
948Kb / 3P
   Floating Coaxial Connector
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
   BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
   Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
   Board to Board Connector
5047 KSS-5047 Datasheet
325Kb / 2P
   Board to Board Connector
5689 KSS-5689 Datasheet
525Kb / 2P
   Board to Board Connector
5802 KSS-5802 Datasheet
380Kb / 2P
   Board to Board Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com