Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD242B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD242B
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD242B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD242B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD242B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
BD242/A/B/C
DESCRIPTION
·
DC Current Gain -hFE = 25(Min)@ IC= -1.0A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -45V(Min)- BD242; -60V(Min)- BD242A
-80V(Min)- BD242B; -100V(Min)- BD242C
·
Complement to Type BD241/A/B/C
APPLICATIONS
·
Designed for use in general purpose power amplifier and
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
BD242
-55
V
BD242A
-70
BD242B
-90
BD242C
-115
VCEO
Collector-Emitter Voltage
BD242
-45
V
BD242A
-60
BD242B
-80
BD242C
-100
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-3.0
A
ICM
Collector Current-Peak
-5.0
A
IB
Base Current
-1.0
A
PC
Collector Power Dissipation
@ TC=25℃
40
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3.125
/W


Similar Part No. - BD242B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD242B MOSPEC-BD242B Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
ON Semiconductor
BD242B ONSEMI-BD242B Datasheet
99Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
logo
Motorola, Inc
BD242B MOTOROLA-BD242B Datasheet
139Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Comset Semiconductor
BD242B COMSET-BD242B Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Power Innovations Ltd
BD242B POINN-BD242B Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
More results

Similar Description - BD242B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com