Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLI530N Datasheet(PDF) 4 Page - International Rectifier

Part # IRLI530N
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI530N Datasheet(HTML) 4 Page - International Rectifier

  IRLI530N Datasheet HTML 1Page - International Rectifier IRLI530N Datasheet HTML 2Page - International Rectifier IRLI530N Datasheet HTML 3Page - International Rectifier IRLI530N Datasheet HTML 4Page - International Rectifier IRLI530N Datasheet HTML 5Page - International Rectifier IRLI530N Datasheet HTML 6Page - International Rectifier IRLI530N Datasheet HTML 7Page - International Rectifier IRLI530N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRLI530N
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
200
400
600
800
1000
1200
1400
1
10
100
DS
V
, D rain-to -S ourc e V oltage (V )
A
V
= 0 V ,
f = 1 M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GS
iss
g s
gd
ds
rss
g d
o ss
ds
g d
C iss
C oss
C rss
0
3
6
9
12
15
0
1 0
2 030
4050
Q
, Tota l G ate C h arg e (n C )
G
V
= 8 0 V
V
= 5 0 V
V
= 2 0 V
DS
DS
DS
A
F O R TE ST C IRCUIT
SE E F IG U RE 1 3
I
= 9 .0 A
D
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 25°C
J
V
= 0 V
GS
V
, S o urc e-to -D rain V o lta ge (V )
SD
A
T = 175°C
J
1
10
100
1000
1
1 0
100
1000
V
, D ra in-to-S o urc e V o lta ge (V )
DS
O P E R A TIO N IN T H IS A R E A L IM ITE D
B Y R DS(on)
10µ s
10 0µ s
1m s
10m s
A
T
= 2 5 °C
T
= 175°C
Sin g le Pu ls e
C
J


Similar Part No. - IRLI530N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLI530N ISC-IRLI530N Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLI530NPBF IRF-IRLI530NPBF Datasheet
225Kb / 8P
   HEXFET Power MOSFET
IRLI530NPBF IRF-IRLI530NPBF Datasheet
234Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
logo
VBsemi Electronics Co.,...
IRLI530NPBF VBSEMI-IRLI530NPBF Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRLI530NPBF IRF-IRLI530NPBF_15 Datasheet
234Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRLI530N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com