Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ02 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # DZ02
Description  0.635mm Pitch Interface Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DZ02 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  DZ02 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DZ02 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DZ02 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DZ02 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DZ02 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MB-0286-1
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
3/5
DZ 02 R 008 N C 1
Figure
R: Receptacle
Type
N: Right angle SMT with H/D
Plating Specification
C: 0.5μ min. Au plating (contact area),
Au plating (terminal area)
<Applicable Board Dimensions>
[Receptacle]
Series
Development No.
No. of Contacts
008: 8 pos.
Modification Code
1: Standard
< Circuit No.>
Lot No.
<Lot No. Indication>


Similar Part No. - DZ02

ManufacturerPart #DatasheetDescription
logo
Dubilier
DZ025BD DUBILIER-DZ025BD Datasheet
176Kb / 1P
   RESISTORS ZERO-OHM JUMPER DCO/DZO
DZ025T DUBILIER-DZ025T Datasheet
97Kb / 1P
   RESISTORS ZERO-OHM JUMPER DCO/DZO
DZ025T DUBILIER-DZ025T Datasheet
176Kb / 1P
   RESISTORS ZERO-OHM JUMPER DCO/DZO
DZ025T DUBILIER-DZ025T_11 Datasheet
176Kb / 1P
   RESISTORS ZERO-OHM JUMPER DCO/DZO
logo
Delta Electronics, Inc.
DZ02D0303A DELTA-DZ02D0303A Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Similar Description - DZ02

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6H-034D-1.27R HIROSE-HIF6H-034D-1.27R Datasheet
276Kb / 9P
   0.635mm Pitch ID Cable Connector
SX1B-72S-0.635SH HIROSE-SX1B-72S-0.635SH Datasheet
217Kb / 6P
   0.635mm Pitch S.O. DIMM Socket
logo
List of Unclassifed Man...
8925E ETC-8925E Datasheet
2Mb / 14P
   1.27mm PITCH LOW PROFILE CONNECTORS FOR 0.635MM PITCH FLAT CABLE
logo
Molex Electronics Ltd.
0981941212 MOLEX1-0981941212_18 Datasheet
31Kb / 1P
   2.54mm Pitch MOX FFC/FPC Solder Terminal, Female, 0.635mm , Reel
0643251010 MOLEX1-0643251010_18 Datasheet
49Kb / 2P
   CMC Blind Plug for cavity 0.635mm
logo
Japan Aviation Electron...
DF02 JAE-DF02 Datasheet
561Kb / 11P
   Half-pitch (1.27mm) Interface Connector
logo
Yamaichi Electronics Co...
SFX-S220-7-0.13030-SV YAMAICHI-SFX-S220-7-0.13030-SV Datasheet
57Kb / 1P
   25MIL (0.635mm) OKIFLEX-SFX Type (150V, 80째C)
logo
Molex Electronics Ltd.
0981941221 MOLEX1-0981941221_18 Datasheet
34Kb / 2P
   2.54mm Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm , Reel
0981941211 MOLEX1-0981941211_18 Datasheet
32Kb / 1P
   2.54mm Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm , Reel
logo
Yamaichi Electronics Co...
FLEX-B210-7-0.1 YAMAICHI-FLEX-B210-7-0.1 Datasheet
48Kb / 1P
   25MIL (0.635mm) OKIFLEX-B&S Type (150V, 105째C)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com