Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES6 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # ES6
Description  Saves mounting space on boards and is ideal for compact bulbs and fixtures.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES6 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  ES6 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES6 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES6 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES6 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES6 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. ES6 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0302-1
September 2015
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
1/6
No. of Contacts: 2 pos.
Contact Resistance: 30mΩ max.
Dielectric Withstanding Voltage:
AC500Vrm.s / for 1 minute
Insulation Resistance: 10mΩ max.
Rated Current: AC / DC 1A
Rated Voltage: AC / DC 250V
Mating Cycles: 20 times
Board Insertion Force: 30N max.
Operating Temperature:
-40 Deg. C to +105 Deg. C
ES6 Series
(cULus Recognized Product)
Part Number: ES6B002WF1
The ES6 Series enables card edge connection of LED mounting board and power board.
It helps to reduce assembly time with the card edge connection. The ES6 Series is also
small and low-profile and can be mounted in compact light bulbs.
Applications: LED light bulbs, down lights, spot lights, LED lighting, and compact
electrical devices.
RoHS Compliant
Features
General Specifications
Contributes to easy and automatic assembly with card edge connection of the LED
mounting board and power board.
Adopts a tuning fork structure terminal, which has high contact reliability in long term
high temperature environments.
Compatible with automatic mounting. Features a large area for absorption and is
compatible with standard nozzles.
Saves mounting space on boards and is ideal for compact bulbs and fixtures.
cULus recognized product: File No. E67741
1.55 mm height, low-profile structure that does not block light from the LED.


Similar Part No. - ES6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES6028 ETC2-ES6028 Datasheet
85Kb / 10P
   Vibratto DVD Processor
ES6028F ETC2-ES6028F Datasheet
85Kb / 10P
   Vibratto DVD Processor
logo
ESS Technology,Inc
ES6128 ESS-ES6128 Datasheet
164Kb / 10P
   Vibratto-S DVD Processor Product Brief
ES6128F ESS-ES6128F Datasheet
97Kb / 10P
   Vibratto-S DVD Processor Product Brief
ES6128F ESS-ES6128F Datasheet
164Kb / 10P
   Vibratto-S DVD Processor Product Brief
More results

Similar Description - ES6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT86SMX ACT-ACT86SMX Datasheet
116Kb / 1P
   ideal for high density packing and automatic placement on circuit boards
21-11-2006
logo
Shanghai Leiditech Elec...
SMD1812 LEIDITECH-SMD1812 Datasheet
764Kb / 5P
   Smaller size saves board space and cost
30V LEIDITECH-30V Datasheet
638Kb / 3P
   Smaller size saves board space and cost
logo
Advanced Crystal Techno...
ACT225SMX-4 ACT-ACT225SMX-4 Datasheet
168Kb / 2P
   ideal for fitting on high density boards
16/0305
ACT225SMX-4 ACT-ACT225SMX-4_12 Datasheet
393Kb / 2P
   ideal for fitting on high density boards
31-10-2012
logo
Omron Electronics LLC
E3C-WE4 OMRON-E3C-WE4 Datasheet
1Mb / 16P
   Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
logo
TT Electronics.
PCF-RC TTELEC-PCF-RC Datasheet
156Kb / 1P
   saves board space
logo
Omron Electronics LLC
E3C-S20DW OMRON-E3C-S20DW Datasheet
1Mb / 16P
   Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
logo
OSRAM GmbH
LCWJNSH.PC OSRAM-LCWJNSH.PC Datasheet
1Mb / 22P
   Retrofits and fixtures
logo
GeneSiC Semiconductor, ...
KBU1010 GENESIC-KBU1010 Datasheet
299Kb / 3P
   Ideal for printed circuit boards
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com