Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5016-1EKB Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS5016-1EKB
Description  Smart High-Side Power Switch
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5016-1EKB Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS5016-1EKB Datasheet HTML 5Page - Infineon Technologies AG BTS5016-1EKB Datasheet HTML 6Page - Infineon Technologies AG BTS5016-1EKB Datasheet HTML 7Page - Infineon Technologies AG BTS5016-1EKB Datasheet HTML 8Page - Infineon Technologies AG BTS5016-1EKB Datasheet HTML 9Page - Infineon Technologies AG BTS5016-1EKB Datasheet HTML 10Page - Infineon Technologies AG BTS5016-1EKB Datasheet HTML 11Page - Infineon Technologies AG BTS5016-1EKB Datasheet HTML 12Page - Infineon Technologies AG BTS5016-1EKB Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Data Sheet
9
Rev. 2.0, 2012-04-17
PROFET™+ 12V
BTS5016-1EKB
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 2
Absolute Maximum Ratings 1)
T
J = -40 °C to +150 °C; (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Supply Voltages
Supply voltage
V
S
-0.3
28
V
P_4.1.1
Reverse polarity voltage
-
V
S(REV)
0–
16
V
t < 2 min
T
A = 25 °C
R
L ≥ 2 Ω
R
GND = 150 Ω
P_4.1.2
Supply voltage for short
circuit protection
V
BAT(SC)
0–
24
V
2) R
ECU = 20 mΩ
R
Cable= 16 mΩ/m
L
Cable= 1 μH/m,
l = 0 or 5 m
See Chapter 6
and Figure 52
P_4.1.3
Supply voltage for Load dump
protection
V
S(LD)
41
V
3) R
I = 2 Ω
R
L = 2 Ω
P_4.1.12
Short Circuit Capability
Permanent short circuit
IN pin toggles
n
RSC1
––
100
k
cycles
2)
t
ON = 300ms
P_4.1.4
Input Pins
Voltage at INPUT pin
V
IN
-0.3
–6
7
V–
t < 2 min
P_4.1.13
Current through INPUT pin
I
IN
-2
2
mA
P_4.1.14
Voltage at DEN pin
V
DEN
-0.3
–6
7
V–
t < 2 min
P_4.1.15
Current through DEN pin
I
DEN
-2
2
mA
P_4.1.16
Sense Pin
Voltage at IS pin
V
IS
-0.3
V
S
V
P_4.1.19
Current through IS pin
I
IS
-25
50
mA
P_4.1.20
Power Stage
Load current
|
I
L |–
I
L(LIM)
A
P_4.1.21
Power dissipation (DC)
P
TOT
––
2W
T
A = 85 °C
T
J < 150 °C
P_4.1.22
Maximum energy dissipation
Single pulse
E
AS
––
95
mJ
I
L(0) = 8 A
T
J(0) = 150 °C
V
S = 13.5 V
P_4.1.23
Voltage at power transistor
V
DS
41
V
P_4.1.26


Similar Part No. - BTS5016-1EKB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5016-2EKA INFINEON-BTS5016-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev 1.0, 2013-06-17
More results

Similar Description - BTS5016-1EKB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com