Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD10 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # KD10
Description  SIMPLIFIED COAXIAL, MULTIPLETYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KD10 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  KD10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KD10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KD10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KD10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KD10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KD10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
68
COAXIAL CONNECTORS
KD10/KD20 Series
■RECEPTACLE
Through-hole Solder Type
Intermatable with PLUG
(69 Page)
Dimensions in millimeters
■Right-angle
Dimension of Connector
Combinations
B±0.4
2
A
7.3
2
9.6
11.5
■Part Number/Dimensions
Number of
Contact
1
3
5
8
Part Number
AB
KD10
KD20
KD10-RRP-F-0
KD10-RRP3-F-0
KD10-RRP5-F-0
KD10-RRP8-F-0
KD20-RRP-F-0
KD20-RRP3-F-0
KD20-RRP5-F-0
KD20-RRP8-F-0
15.15
13.15
21.15
33.15
16.7
14.7
22.7
34.7
■Series Classification
Series Prefix
KD10
KD20
Gold Plating Thickness of Contact
0.1μm min.
0.3μm min.
Structure of Contact
One contacting points
Double contacting points
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
(PC BOARD THICKNESS : 1.6mm max.)
CENTER
CONDUCTOR
N-φ0.8
2-φ2.2
A±0.1
2±0.05
GROUND
GROUND
N-φ0.8
CENTER
CONDUCTOR


Similar Part No. - KD10

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KD10-RRP8-F-0 JAE-KD10-RRP8-F-0 Datasheet
112Kb / 1P
   INSULATOR 6-6Ny
logo
SanRex Corporation
KD100GB40 SANREX-KD100GB40 Datasheet
450Kb / 2P
   DIODE MODULE
KD100GB80 SANREX-KD100GB80 Datasheet
450Kb / 2P
   DIODE MODULE
KD100HB120 SANREX-KD100HB120 Datasheet
104Kb / 2P
   DIODE MODULE
KD100HB160 SANREX-KD100HB160 Datasheet
104Kb / 2P
   DIODE MODULE
More results

Similar Description - KD10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UATL30MC ETC-UATL30MC Datasheet
30Kb / 1P
   SIMPLIFIED CIRCUIT SCHEMATIC
logo
PHOENIX CONTACT
2202993 PHOENIX-2202993 Datasheet
77Kb / 1P
   Simplified representation
logo
American Electronic Com...
DG08 AEC-DG08 Datasheet
328Kb / 3P
   simplified coil connections
logo
Connor-Winfield Corpora...
MSTM-SEC1 CONNOR-WINFIELD-MSTM-SEC1 Datasheet
1Mb / 16P
   Simplified Control Timing Module
logo
List of Unclassifed Man...
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
   Simplified I/O Expansion
logo
Renesas Technology Corp
M62438FP RENESAS-M62438FP Datasheet
115Kb / 7P
   Simplified SRS 3D Sound Processor
logo
Connor-Winfield Corpora...
STM-S3 CONNOR-WINFIELD-STM-S3 Datasheet
223Kb / 6P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
MSTM-S3-T2-FD CONNOR-WINFIELD-MSTM-S3-T2-FD Datasheet
302Kb / 8P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
logo
Connor-Winfield Corpora...
MSTM-S3-R CONNOR-WINFIELD-MSTM-S3-R Datasheet
491Kb / 7P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com