Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5116SD Datasheet(PDF) 6 Page - Winbond

Part # ISD5116SD
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5116SD Datasheet(HTML) 6 Page - Winbond

Back Button ISD5116SD Datasheet HTML 2Page - Winbond ISD5116SD Datasheet HTML 3Page - Winbond ISD5116SD Datasheet HTML 4Page - Winbond ISD5116SD Datasheet HTML 5Page - Winbond ISD5116SD Datasheet HTML 6Page - Winbond ISD5116SD Datasheet HTML 7Page - Winbond ISD5116SD Datasheet HTML 8Page - Winbond ISD5116SD Datasheet HTML 9Page - Winbond ISD5116SD Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
October 2000
Page 5
1. OVERVIEW
1.1
SPEECH/SOUND QUALITY
The ISD5116 ChipCorder product can be configured via software to operate at 4.0, 5.3, 6.4 and 8.0 kHz
sampling frequencies, allowing the user a choice of speech quality options. Increasing the duration
decreases the sampling frequency and bandwidth, which affects sound quality. The table in the following
section compares filter pass band and product durations.
1.2
DURATION
To meet end-system requirements, the ISD5116 device is a single-chip solution, which provides from 8 to
16 minutes of voice record and playback, depending on the sample rates defined by customer software.
Input Sample
Rate (kHz)
Duration
1
Typical Filter Knee
(kHz)
8.0
8 min 44 sec
3.4
6.4
10 min 55 sec
2.7
5.3
13 min 6 sec
2.3
4.0
17 min 28 sec
1.7
1. Minus any pages selected for digital storage
1.3
FLASH STORAGE
One of the benefits of ISD’s ChipCorder technology is the use of on-chip nonvolatile memory, which
provides zero-power message storage. The message is retained for up to 100 years (typically) without
power. In addition, the device can be re-recorded over 10,000 times (typically) for the digital messages
and over 100,000 times (typically) for the analog messages.
A new feature has been added that allows memory space in the ISD5116 to be allocated to either digital
or analog storage when recorded. The fact that a section has been assigned digital or analog data is
stored in the Message Address Table by the system microcontroller when the recording is made.
1.4
MICROCONTROLLER INTERFACE
The ISD5116 is controlled through an I
2C 2-wire interface. This synchronous serial port allows
commands, configurations, address data, and digital data to be loaded to the device, while allowing
status, digital data and current address information to be read back from the device. In addition to the
serial interface, two other pins can be connected to the microcontroller for enhanced interface. These are
the RAC timing pin and the INT pin for interrupts to the controller. Communications with all the internal
registers are through the serial bus, as well as digital memory Read and Write operations.
1.5
PROGRAMMING
The ISD5116 series is also ideal for playback-only applications, where single or multiple messages may
be played back when desired. Playback is controlled through the I
2C interface. Once the desired message
configuration is created, duplicates can easily be generated via a third-party programmer. For more
information on available application tools and programmers, please see the ISD web site at
www.winbond-usa.com


Similar Part No. - ISD5116SD

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116SY NUVOTON-ISD5116SY Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116SY NUVOTON-ISD5116SY Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116SYI NUVOTON-ISD5116SYI Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116SYI NUVOTON-ISD5116SYI Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - ISD5116SD

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com