Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1W008S4T Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # ST1W008S4T
Description  microSDTM Small Memory Card Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ST1W008S4T Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  ST1W008S4T Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ST1W008S4T Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ST1W008S4T Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ST1W008S4T Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MB-0195-3
3/4
JAE PMK Div. Proprietary. Copyright © 2012,Japan Aviation Electronics Industry, Ltd.
SJ111744
ST1W008S4T
SJ Drawing
Part Number
Unit: mm
Applicable board dimensions
(for reference)


Similar Part No. - ST1W008S4T

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST1 E-SWITCH-ST1 Datasheet
132Kb / 1P
   ST1 Series
logo
Bothhand USA, LP.
ST1-05S05LF BOTHHAND-ST1-05S05LF Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
ST1-05S05LF BOTHHAND-ST1-05S05LF Datasheet
186Kb / 2P
   Input Filter With Internal Capacitor
ST1-05S09LF BOTHHAND-ST1-05S09LF Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
ST1-05S09LF BOTHHAND-ST1-05S09LF Datasheet
186Kb / 2P
   Input Filter With Internal Capacitor
More results

Similar Description - ST1W008S4T

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
ST10 JAE-ST10 Datasheet
377Kb / 4P
   microSDTM Small Memory Card Connector
ST9S008V4A JAE-ST9S008V4A Datasheet
181Kb / 4P
   microSDTM Memory Card Connector
ST12 JAE-ST12 Datasheet
514Kb / 5P
   microSDTM Memory Card Connector
logo
ALPS ELECTRIC CO.,LTD.
SCHG ALPS-SCHG Datasheet
374Kb / 3P
   Combine Type Connector (for SIM Card 8pins, microSDTM Card)
logo
Molex Electronics Ltd.
47457-8001 MOLEX-47457-8001 Datasheet
129Kb / 2P
   miniSD Memory Card Connector
logo
Japan Aviation Electron...
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
   microSD Memory Card Connector
logo
ATMEL Corporation
AT25FS010 ATMEL-AT25FS010 Datasheet
555Kb / 22P
   High Speed Small Sectored SPI Flash Memory
AT25FS010 ATMEL-AT25FS010_09 Datasheet
694Kb / 24P
   High Speed Small Sectored SPI Flash Memory
AT25FS040 ATMEL-AT25FS040 Datasheet
502Kb / 23P
   High Speed Small Sectored SPI Flash Memory
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
   Connector for SD Memory Card
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com