Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNCH005D37 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # TNCH005D37
Description  THREADED COUPLING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

TNCH005D37 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  TNCH005D37 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. TNCH005D37 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. TNCH005D37 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. TNCH005D37 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. TNCH005D37 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. TNCH005D37 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. TNCH005D37 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. TNCH005D37 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. TNCH005D37 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
35
COAXIAL CONNECTORS
TNC Series
■ FREQUENCY RANGE TO 3GHz
■ THREADED COUPLING(7/16-28UNEF)
TNC
Series
TNC series middle size coaxial connectors conform to the general
purpose standards
(IEC60169-17), designed with threaded coupling.
Applicable frequencies : from DC up to 3GHz. High performance with
a VSWR
(voltage standing wave ratio)of 1.2 or less.
●A wide variety of products enable various mounting styles.
●Environmental middle size connectors with rugged vibration proof
construction.
●A high degree of reliability provides stable electric continuity and
high frequency performance.
●Applications : Base Station for Mobile Communications,
Communications Equipment, Measuring Instruments
Products applicable up to abuout 3 GHz are available.
For detail, please consult us.
In addition to independent cable application type, we also harness
products which satisfy your specification are available. Refer to
pages 109 to 111 for details.
■Guide to Operation Manuals
When using any of these products, please confirm the following
operation manuals.
・For 1.5D-V and 1.5D-W cables : JAHL-2050-1
・For 2.5D-V cables
: JAHL-2050-2
・For 0.085 inch
Semi-flexible cables
: JAHL-2050-3
■SPECIFICATIONS
Characteristic Impedance
50Ω
DC to 3GHz
AC500Vr.m.s.(1minute)
500 megohms min.(DC500V)
Center Contacts : 10 milliohms max.
Outer Contacts : 10 milliohms max.
1.2 max.(DC to 3GHz)
1.5D-V, 1.5D-W, 2.5D-V, UT85
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated over Nickel
PTFE
Contacts
Insulator
Copper Alloy/Nickel Plated
Shell
Copper Alloy/Nickel Plated
Hexagon Nut
Stainless Steel
Toothed Lock Washer
NBR and Silicon Rubber(Black)
O-ring
C-ring
Copper Alloy/Nickel Plated
TNCA003DB2:Copper Alloy/
Gold Plated over Nickel
Sleeve
Silicon Rubber(Brick Red)
Gasket
Copper Alloy/Nickel Plated
Ferrule
Copper Alloy/Nickel Plated


Similar Part No. - TNCH005D37

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TNC HOLYSTONECAPS-TNC Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
logo
PREMO CORPORATION S.L
TNC-15-12 PREMO-TNC-15-12 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-15 PREMO-TNC-15-15 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-18 PREMO-TNC-15-18 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-24 PREMO-TNC-15-24 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
More results

Similar Description - TNCH005D37

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
881-029R GLENAIR-881-029R Datasheet
407Kb / 2P
   Threaded Coupling
881-002R GLENAIR-881-002R Datasheet
405Kb / 2P
   Threaded Coupling
881-019R GLENAIR-881-019R Datasheet
420Kb / 2P
   Threaded Coupling
881-004R GLENAIR-881-004R Datasheet
452Kb / 2P
   Threaded Coupling
881-020R GLENAIR-881-020R Datasheet
460Kb / 2P
   Threaded Coupling
881-001P GLENAIR-881-001P Datasheet
427Kb / 2P
   Threaded Coupling
881-003R GLENAIR-881-003R Datasheet
450Kb / 2P
   Threaded Coupling
881-018P GLENAIR-881-018P Datasheet
421Kb / 2P
   Threaded Coupling
240-383B GLENAIR-240-383B Datasheet
279Kb / 3P
   SuperNine Threaded Coupling
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
   Circular Connector Threaded Coupling ??Plastic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com